Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

231 Datasheet(PDF) 2 Page - 3M Electronics

Part # 231
Description  3M™ High Performance Masking Tape 231/231A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

231 Datasheet(HTML) 2 Page - 3M Electronics

  231 Datasheet HTML 1Page - 3M Electronics 231 Datasheet HTML 2Page - 3M Electronics 231 Datasheet HTML 3Page - 3M Electronics 231 Datasheet HTML 4Page - 3M Electronics 231 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ High Performance Masking Tape 231/231A
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Tan
Total Tape Thickness
0.19 mm
7.6 mil
ASTM D3652
Backing
Smooth mini-crepe paper,
treated with a heat
resistant saturant.
Adhesive
Rubber
Typical Performance Characteristics
Property
Values
Method
Substrate
Peel Adhesion
4.1 N/cm
38 oz/in
ASTM D3330
Stainless Steel
Tensile Strength
49 N/cm
448 oz/in
ASTM D3759
Elongation at Break
10 %
ASTM D3759
Temperature Use
Range
Removes cleanly
after 30 minutes up
to 149 °C
Removes cleanly
after 30 minutes up
to 300 °F
Available Sizes
Property
Values
Standard Roll Length
55 m
60 yd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com