Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

231 Datasheet(PDF) 3 Page - 3M Electronics

Part # 231
Description  3M™ High Performance Masking Tape 231/231A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

231 Datasheet(HTML) 3 Page - 3M Electronics

  231 Datasheet HTML 1Page - 3M Electronics 231 Datasheet HTML 2Page - 3M Electronics 231 Datasheet HTML 3Page - 3M Electronics 231 Datasheet HTML 4Page - 3M Electronics 231 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISO Statement
Technical Information
Product Selection and Use
3M™ High Performance Masking Tape 231/231A
Handling/Application Information
Application Ideas
3MTM High Performance Masking Tape 231/231A is well suited for painting on automobiles, aircraft, trucks, boats
and painting of fabricated parts.
Storage and Shelf Life
Store under normal conditions of 70°F (21°C) and 50% R.H. in the original carton.
To obtain best performance, use within 18 months from date of manufacture.
Trademarks
Scotch is a registered trademark of 3M Company.
References
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=231/231A
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to
ISO 9001 standards.
The technical information, recommendations and other statements contained in this document are based upon tests
or experience that 3M believes are reliable, but the accuracy or completeness of such information is not guaranteed.
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can a ect the use and
performance of a 3M product in a particular application. Given the variety of factors that can a ect the use and
performance of a 3M product, user is solely responsible for evaluating the 3M product and determining whether it is
t for a particular purpose and suitable for user’s method of application.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com