Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1663
Description  3M Medical Specialties
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1663 Datasheet(HTML) 1 Page - 3M Electronics

  1663 Datasheet HTML 1Page - 3M Electronics 1663 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
December 20, 2001
Why is clarity important?
3M 1663 Clear Protective Tape
The new 3M 1663 Clear Protective Tape measured best
for clarity when compared to competitive wax blocking
tapes.
Clarity:
Narrow-angle light scattering
Influences the resolution of fine details. Unlike haze,
clarity is distance-dependent and deteriorates as the
distance between the specimen and the observed object
increases. Clarity is a critical tape feature when used in
conjunction with reflection screen blockers.
A tape that does not have good clarity will result in
blocking alignment difficulty for the operator.
Haze:
Wide -angle light scattering
The second most critical feature - A higher haze
measurement will affect the ability to detect contrast
and results in a cloudy appearance.
1663 Clear protective Tape has the
Highest Clarity & Low Haze
3M™ Medical Specialties
Technical Information Bulletin
Clarity
0
20
40
60
80
100
3M 1663
A
B
C
D
Haze
0
10
20
30
40
50
3M 1663
A
B
C
D
Tapes A, B, C and D are competitive tapes.


Similar Part No. - 1663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1663 ETC2-1663 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Heyco.
1663 HEYCO-1663 Datasheet
117Kb / 1P
Thin Panel Dome Plugs
1663 HEYCO-1663 Datasheet
112Kb / 1P
Shorty Plugs
logo
Adafruit Industries
1663 ADAFRUIT-1663 Datasheet
173Kb / 2P
3-pin JST SM Plug Receptacle Cable Set
logo
Keystone Electronics Co...
1663 KEYSTONE-1663 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 1663

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1504X 3M-1504X Datasheet
167Kb / 2P
3M Medical Materials & Technologies
Oct-2020
1524A 3M-1524A Datasheet
137Kb / 2P
3M Medical Materials & Technologies
Oct-2020
9777L 3M-9777L Datasheet
180Kb / 2P
3M Medical Materials & Technologies
Oct-2020
1524 3M-1524 Datasheet
137Kb / 2P
3M Medical Materials & Technologies
Oct-2020
1525L 3M-1525L Datasheet
48Kb / 2P
3M™ Single Coated Medical Tape
Jun-2013
1772 3M-1772 Datasheet
360Kb / 2P
3M Medical Materials & Technologies
Jan-2020
1773 3M-1773 Datasheet
175Kb / 2P
3M Medical Materials & Technologies
Mar-2020
1774T 3M-1774T Datasheet
171Kb / 2P
3M Medical Materials & Technologies
Mar-2020
1774W 3M-1774W Datasheet
171Kb / 2P
3M Medical Materials & Technologies
Mar-2020
9776 3M-9776 Datasheet
172Kb / 2P
3M Medical Materials & Technologies
Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com