Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSTDRIVE101 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVALSTDRIVE101
Description  STDRIVE101 demonstration board for three-phase brushless motors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTDRIVE101 Datasheet(HTML) 4 Page - STMicroelectronics

  EVALSTDRIVE101 Datasheet HTML 1Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 2Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 3Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 4Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 5Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 6Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 7Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 8Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Figure 4. EVALSTDRIVE101 – Operational amplifiers
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
ISNSG_U
ISNSG_V
ISNSG_W
Bypass capcitors: one for
each or OpAmp
Optional components
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
IS NS G_U
SNSU_P
SNSU_N
SNSV_P
SNSV_N
IS NS G_V
IS NS G_W
SNSW_P
SNSW_N
CP
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL S TDRIVE101 R1
A4
4
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
4
5
Title
Size
Docume nt Numbe r
R e v
Da te :
S he e t
o f
1
EVAL STDRIVE101 R1
A4
4
5
J 13
J p 2.54mm
1
2
R67
1.54k
1%
C28
22pF
R72
20k
1%
R61
20k
1%
TP18
R55
10k 1%
C24
100nF
R68
10k 1%
R57
20k
1%
R58
1.54k
1%
C31
22pF
R53
10k 1%
R70
1.54k
1%
C26
22pF
R64
20k
1%
TP17
C29
3.3nF
R60
10k 1%
R62
1.54k
1%
C27
22pF
+
-
U4
TS V991AIQ
1 IN-
2 IN+
NC1
4
NC2
5
6
OUT
9 EP
R66
NM
C23
100nF
C30
NM
J P8
CLOSED
+
-
U3
TS V991AIQ
1 IN-
2 IN+
NC1
4
NC2
5
6
OUT
9 EP
+
-
U2
TSV991AIQ
1 IN-
2 IN+
NC1
4
NC2
5
6
OUT
9 EP
R56
1.54k
1%
R65
1.1k
1%
R71
10k 1%
C25
100nF
R54
20k
1%
R59
10k 1%
R52
1.54k
1%
C32
22pF
R63
10k 1%
R69
20k
1%
C22
22pF
TP16
J P7
CLOS ED
EVALSTDRIVE101
Specifications
DB4298 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com