Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSTDRIVE101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSTDRIVE101
Description  STDRIVE101 demonstration board for three-phase brushless motors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTDRIVE101 Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSTDRIVE101 Datasheet HTML 1Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 2Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 3Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 4Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 5Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 6Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 7Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 8Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
•
Input bus voltage from 6 V to 75 V with dedicated monitoring
•
Output current up to 20 Arms – Power stage based on the STL110N10F7 power
MOSFETs
•
STDRIVE101 embedded features:
–
Two input strategies (enable / input with adjustable deadtime generation or
direct driving with interlocking)
–
VDS sensing of the power MOSFETs
–
Overcurrent protection with internal comparator
•
Three-shunt or single-shunt configurable current sensing
•
BEMF or Digital Hall sensor circuitries
•
NTC sensor for PCB temperature monitoring
•
Motor control connector compatible with a wide range of STM32 boards and
systems
Application
•
Power tools
•
e-Bikes
•
Fans and home appliances
Description
The EVALSTDRIVE101 is a demonstration board based on the STDRIVE101, a
three-phase gate driver, and the STL110N10F7 power MOSFETs.
The EVALSTDRIVE101 is designed to drive three-phase brushless DC motors and it
can be interfaced with different STM32 microcontrollers through the motor control
connector.
The board can be configured in single shunt and three-shunt and can support FOC
and six-step algorithms in both configurations.
The Hall sensors connector and the phase sensing network present on-board allow
to implement both sensor and sensorless algorithms for motion control.
The EVALSTDRIVE101 allows a full evaluation of the STDRIVE101 and its features,
including the embedded comparator for overcurrent protection and the drain-source
voltage sensing of each power MOSFET.
Product status link
EVALSTDRIVE101
STDRIVE101
STDRIVE101 demonstration board for three-phase brushless motors
EVALSTDRIVE101
Data brief
DB4298 - Rev 1 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVALSTDRIVE101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
Demonstration board for STGAP2SM isolated 4 A single gate driver
26-Oct-2018
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
EVALSTPM-3PHISO STMICROELECTRONICS-EVALSTPM-3PHISO Datasheet
291Kb / 4P
Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
More results

Similar Description - EVALSTDRIVE101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
EVSPIN32G4 STMICROELECTRONICS-EVSPIN32G4 Datasheet
2Mb / 18P
STSPIN32G4 demonstration board for three-phase brushless motors
15-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com