Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050STR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5050STR
Description  5 V low drop linear voltage regulator for automotive application
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050STR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5050STR Datasheet HTML 2Page - STMicroelectronics L5050STR Datasheet HTML 3Page - STMicroelectronics L5050STR Datasheet HTML 4Page - STMicroelectronics L5050STR Datasheet HTML 5Page - STMicroelectronics L5050STR Datasheet HTML 6Page - STMicroelectronics L5050STR Datasheet HTML 7Page - STMicroelectronics L5050STR Datasheet HTML 8Page - STMicroelectronics L5050STR Datasheet HTML 9Page - STMicroelectronics L5050STR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical specifications
L5050S
6/20
DS12548 Rev 3
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 3: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
program and other relevant quality documents.
2.2
Electrical characteristics
Values specified in this section are for VS = 5.6 V to 31 V, Tj = - 40 °C to +150 °C, unless
otherwise stated.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
DC supply voltage
-0.3 to 40
V
Is
Input current
Internally limited
Vo
DC output voltage
-0.3 to 6
V
Io
DC output current
Internally limited
VEn
Enable input
-0.3 to 40
Tj
Junction operating temperature
-40 to 150
°C
VESD HBM
ESD HBM voltage level (HBM-MIL STD 883C)
±2
kV
VESD CDM
ESD CDM voltage level (CDM)
±750
V
Table 4. Thermal data
Item
Symbol
Parameter
Value (1)
Unit
A.001
Rth-jamb
Thermal resistance junction to ambient
110
°C/W
1. PCB: double layer; FR4 area = 77 mm x 86 mm; PCB thickness = 1.6 mm; Cu thickness = 70 µm (front and back side).
Table 5. General
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.002
Vo
Vo
Output voltage
VS = 5.6 to 31 V; 
Io = 5 to 50 mA
4.9
5
5.1
V
A.003
Vo
Ishort
Short circuit current
VS = 5.6 to 31 V
200
380
550
mA
VS = 10.5 V
200
370
450
A.004
Vo
Ilim(1)
Output current limitation
VS = 10.5 V
100
225
450
mA
A.005
VS, Vo
Vline
Line regulation voltage
VS = 5.6 to 18 V;
Io = 5 to 50 mA
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com