Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5050STR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5050STR
Description  5 V low drop linear voltage regulator for automotive application
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050STR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5050STR Datasheet HTML 6Page - STMicroelectronics L5050STR Datasheet HTML 7Page - STMicroelectronics L5050STR Datasheet HTML 8Page - STMicroelectronics L5050STR Datasheet HTML 9Page - STMicroelectronics L5050STR Datasheet HTML 10Page - STMicroelectronics L5050STR Datasheet HTML 11Page - STMicroelectronics L5050STR Datasheet HTML 12Page - STMicroelectronics L5050STR Datasheet HTML 13Page - STMicroelectronics L5050STR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical specifications
L5050S
10/20
DS12548 Rev 3
Figure 17. PSRR
Figure 15. VEn_high vs Tj
Figure 16. VEn _low vs Tj
1.75
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
‐50
‐25
0
25
50
75
100
125
150
Tj (C)
Vs = 5.6V
Vs = 31V
1
1.1
1.2
1.3
1.4
1.5
1.6
‐50
‐25
0
25
50
75
100
125
150
Tj (C)
Vs = 5.6V
Vs = 31V
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
0. 1
1
1 0
10 0
1 00 0
1 00 0 0
FREQUENCY (KHZ)
Co=220nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com