Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

983 Datasheet(PDF) 4 Page - 3M Electronics

Part # 983
Description  3M Diamond Grade Conspicuity Markings Series 983 for Trucks and Trailers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

983 Datasheet(HTML) 4 Page - 3M Electronics

  983 Datasheet HTML 1Page - 3M Electronics 983 Datasheet HTML 2Page - 3M Electronics 983 Datasheet HTML 3Page - 3M Electronics 983 Datasheet HTML 4Page - 3M Electronics 983 Datasheet HTML 5Page - 3M Electronics 983 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
3M™ Diamond Grade™ Conspicuity Markings Series 983 for Trucks and Trailers
April 2018
 
5.2 Storage
Series 983 for Trucks and Trailers markings should be stored in a cool, dry area, out of direct sunlight, at a
temperature of 65-75º F (18-24º C) and a relative humidity of 30-50%. Rolls should be stored horizontally in their
shipping cartons or original packaging.
5.3 Shelf Life
Apply Series 983 for Trucks and Trailers within two years of date of manufacture.
6
Durability
Series 983 for Trucks and Trailers will provide maximum durability when:
•
All 3M recommended procedures are followed and
•
Markings are applied to vertical surfaces (within ± 20º of vertical orientation).
Series 983 marking durability depends on use. Failure to follow 3M-required techniques may reduce durability.
Below are some conditions and processing examples that may lead to reduced durability:
•
Failure to cut markings around rivets, seams, and body panels
•
Improper use of high pressure cleaning
•
Contact with non-recommended chemicals or solvents
•
Improper application or surface preparation
•
Horizontal exposure
•
Open cells along the edges of a marking may collect dirt, which will not reduce marking performance
•
Damage due to external conditions may reduce adhesion and reflectivity near the damaged area
7
Health and Safety Information
Read all health hazard, precautionary, and first aid statements found in the Safety Data Sheet (SDS), Article
Information Sheet, and/or product labels of chemicals prior to handling or use. Consult local regulations and
authorities for possible restrictions. Visit us at www.3M.com/us and select SDS search to obtain current Safety
Data Sheets.
8
Warranty Information
8.1 3M Basic Product Warranty
3M Diamond Grade Conspicuity Marking Series 983 for Trucks and Trailers (“Product”) is warranted (“Basic
Warranty”) to be free of defects in materials and manufacture at the time of shipment and to meet the
specifications stated in this product bulletin. If the Product is proven not to have met the Basic Warranty on its
shipment date, then a buyer's exclusive remedy, and 3M's sole obligation, at 3M's option, will be a replacement of
the Product only.
8.2 Additional Warranty
3M warrants (“3M Warranty”) that Product sold by 3M to be used for conspicuity markings on trucks and trailers
(“Vehicles”) in the United States and Canada will:
•
Remain visible by resisting excessive fading, cracking, peeling, lifting, and discoloration and
•
Meet the minimum values for coefficient of retroreflection, as given in Table 5, for ten (10) years (“Warranty
Period”) measured from the date of initial application onto the Vehicle (“Installation Date”).
Table 5. Minimum Coefficient of Retroreflection (RA)a
a. All measurements are at 0.2
° observation angle and -4° entrance angle. All measurements shall be made after
cleaning the Product according to 3M recommendations and measured in accordance with ASTM E810.
Integral Product Color
Retained Coefficient of Retroreflection [cd/lx/m2]
White
250 (FMVSS 108 Requirement)
Red
60 (FMVSS 108 Requirement)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com