Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

983 Datasheet(PDF) 2 Page - 3M Electronics

Part # 983
Description  3M Diamond Grade Conspicuity Markings Series 983 for Trucks and Trailers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

983 Datasheet(HTML) 2 Page - 3M Electronics

  983 Datasheet HTML 1Page - 3M Electronics 983 Datasheet HTML 2Page - 3M Electronics 983 Datasheet HTML 3Page - 3M Electronics 983 Datasheet HTML 4Page - 3M Electronics 983 Datasheet HTML 5Page - 3M Electronics 983 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
3M™ Diamond Grade™ Conspicuity Markings Series 983 for Trucks and Trailers
April 2018
 
1.1 Easy to Apply
•
Aggressive pressure sensitive adhesive
•
Easy to remove liner
•
Available in rolls, packaged pieces, or kiss-cut pieces on a roll. Please refer to the 3M Transportation Safety
Division Pricing Catalog for the standard product offering.
1.2 Durable
•
Pre-sealed edges
•
Non-metallic construction
•
10-year warranty
2
Typical Physical Properties
Table 2 presents typical physical property data for Series 983 for Trucks and Trailers. The information presented in
Table 2 should be considered typical only, and not be used for specification purposes.
Table 2. Typical Physical Properties
Property
FMVSS 108 Requirement
Series 983 for Trucks and Trailers Typical Values
Thickness (Caliper)
N/A
0.014 inch - 0.018 inch
Whiteness Daytime Luminance Limit
YT ASTM E1164
> 15 White
>2.5 Red
45 White
5 Red
Gloss ASTM D523 at 85º
N/A
100
Shrinkage ASTM D4956
< 1/8 inch change on 9x9 inch panel
No substantial change
Flexibility - wrap around 0.125 inch
mandrel at 32º F (0º C)
No cracking
No cracking
High pressure wash test - 45º angle,
1200 psi, 8 inch away
N/A
Passes
Adhesion - 90º Hanging Weight ASTM
D4956
<2 inch (51 mm) movement
0.2 inch (4 mm)
Minimum Application Temp.
N/A
50º F (10º C)
Instron Peel Adhesion 12 inch/minute,
90º pullback
N/A
Degreased aluminum
5.3 lb/in (.95 kg/cm)
Prepainted panel
3.0 lb/in (0.55 kg/cm)
Stainless steel
6.0 lb/in (1.1 kg/cm)
FRP
2.5 lb/in (0.52 kg/cm)
Tedlar®
3.0 lb/in (0.54 kg/cm)
Aluminum Rail
3.5 lb/in (0.56 kg/cm)
Chemical Resistance SAE J1967
N/A
Not affected by toluene, #2 diesel fuel, gasoline (leaded)
kerosene, TSP detergent, xylene, dilute metal brighteners
Corrosion Resistance ASTM B117 Salt
Spray
N/A
No effect - 1000 Hours
Room Temperature Impact Resistance
100 in-lb, 5/8 inch tip
No damage outside impact
No damage outside impact
Cold Temperature Impact Resistance
60 in-lb at -20º F
N/A
No damage outside impact



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com