Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6111HT Datasheet(PDF) 4 Page - 3M Electronics

Part # 6111HT
Description  Sprayable Hot Melt Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6111HT Datasheet(HTML) 4 Page - 3M Electronics

  6111HT Datasheet HTML 1Page - 3M Electronics 6111HT Datasheet HTML 2Page - 3M Electronics 6111HT Datasheet HTML 3Page - 3M Electronics 6111HT Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3M™ Sprayable Hot Melt Adhesive
6111 • 6111 HT • 6111 HT Blue
4
Shelf Life
Is the period of time, after 3M ships the product to a customer or distributor, the product
will continue to satisfy applicable 3M manufacturing and quality standards. The shelf
life stated applies only to product that is stored in the original, unopened
container
under specified storage conditions.
The stated shelf life of all 3MTM Sprayable Hot Melt Adhesives is 24 months
Precautionary
Information
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this
product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501.
Technical Information
The technical information, recommendations and other statements contained in this document are based
upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such information
is not guaranteed.
Product Use
Many factors beyond
3M’s control and uniquely within user’s knowledge and control can affect the use and
performance of a 3M product in a particular application. Given the variety of factors that can affect the use
and performance of a 3M product, user is solely responsible for evaluating the 3M product and determining
whether it is fit for a particular purpose and suitable for user’s method of application.
Warranty, Limited
Remedy, and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY OR
CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE. If the 3M
product does not conform to this warranty, then the sole and exclusive remedy is, at
3M’s option,
replacement of the 3M product or refund of the purchase price
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product,
whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted,
including warranty, contract, negligence or strict liability.
This Industrial Adhesives and Tapes Division product was manufactured under a 3M
quality system registered to ISO 9001 standards
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/adhesives
Recycled Paper
40% pre-consumer
10% post-consumer
3M is a trademark of 3M Company.
Printed in U.S.A.
©3M 2015 (9/14)
IS0 9001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com