Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6111HT Datasheet(PDF) 3 Page - 3M Electronics

Part # 6111HT
Description  Sprayable Hot Melt Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6111HT Datasheet(HTML) 3 Page - 3M Electronics

  6111HT Datasheet HTML 1Page - 3M Electronics 6111HT Datasheet HTML 2Page - 3M Electronics 6111HT Datasheet HTML 3Page - 3M Electronics 6111HT Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Sprayable Hot Melt Adhesive
6111 • 6111 HT • 6111 HT Blue
3
Typical Adhesive
Performance
Characteristics
(continued)
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
C. Foam Tear
Foam Tear: Polyurethane foam of 1.2 lb./cu. ft. density was bonded to various substrates. After
24 hours at ambient temperature an effort was made to pull the foam from the surface of the
substrate. It was noted if the adhesive released from the substrate or if there was tearing of the
foam.
Substrate
3M™ Sprayable Hot Melt
Adhesive 6111Foam Tear
3
M™ Sprayable Hot Melt
Adhesive 6111 HT/6111 HT
Blue
Foam Tear
Fir
yes
yes
ABS
yes
yes
Polypropylene
yes
yes
PVC
yes
yes
Cold Rolled Steel
yes
yes
High Density Polyethylene
no
no
Product
Size/available
Package size
6111
6111HT
6111HT Blue
Product
format
Chip
Chip
Chip
Size
(approximate)
0.5” dia x 0.5” Long
0.75”dia. x 0.75”Long
(1.9cm x 1.9cm)
0.75”dia. x 0.75”Long
(1.9cm x 1.9cm)
22 pound boxes
22 pound boxes
850 pound Gaylord
22 pound boxes
850 pound Gaylord
Directions for Use
1. Surface Preparation: Surfaces must be clean, dry and dust free. Wiping with a solvent
such as isopropyl alcohol for plastic substrates or MEK (methyl ethyl ketone) for metal
will aid in removing oil and dirt.*
*Note:
When using solvents, extinguish all ignition sources and follow the manufacturer’s precautions
and directions for use.
2. Application: 3M™ Sprayable Hot Melt Adhesive is designed for spray application
using either a hand held applicator or a “bulk” hot melt system designed for use with a
sprayable hot melt adhesive.
Definitions
Open Time1: Is the maximum time between the application of the adhesive and when the
parts must be joined together. This information is based on 1/8" bead on non-metallic
substrates at 75°F (20°C).
Set up time1: After bond is made, there is immediate strength and no clamping is necessary.
1-Higher environmental temperatures will lengthen open times and set times, while lower environmental temperatures will
shorten open times and set times.
Lot Code
Information
Example of lot number: 8023K4
Code Description
8 Last digit of year manufactured 023 Julian date (day number 0 – 366)
K4 Alpha-numeric lot code (random not sequential)
In this example, the date of manufacture is January 23, 2008.
Storage
Best storage temperature is 60-80°F (15-27°C). Do not store above 120°F (49°C).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com