Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08374 Datasheet(PDF) 2 Page - 3M Electronics

Part # 08374
Description  3M™ Ultrapro™ MSP Sprayable Seam Sealer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08374 Datasheet(HTML) 2 Page - 3M Electronics

  08374 Datasheet HTML 1Page - 3M Electronics 08374 Datasheet HTML 2Page - 3M Electronics 08374 Datasheet HTML 3Page - 3M Electronics 08374 Datasheet HTML 4Page - 3M Electronics 08374 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Solids Content (Appx.)
97%
Consistency
Thin Paste
Service Temperature - °F
-20°F-200°F
Solvent
Minimal Naphtha
Product Uses
Bead can be used for general purpose automotive seams, including door skins, rocker panels, rear
1.
body panels, trunk seams, floor pans, etc.
Sprayed seam can be used for trunk seams, quarter panels, any other OEM sprayed seam
2.
replacement.
Sprayed coating can be used inside door skins, inside body panels, or any area where a sound
3.
deadening coating is needed.
Performance Properties
Cold Temperature Resistance @ -20°F
(Remains Flexible)
Heat Resistance-8 Weeks @ 200°F
(No Degradation)
Adhesion-Primed Metal: Excellent
(Cohesive Failure)
Bare Metal: Excellent
(Cohesive Failure)
Tensile-
Appx. 200 PSI
Elongation-
Appx. 200%
Handling and Application Information
Directions for Use
For best results, apply over automotive primer. Applying over bare metal will not provide enough
1.
corrosion protection. Acid etching primer is not recommended; if used, be sure to allow to fully cure
before applying seam sealer, or residual acid can weaken the bond.
If necessary after priming, clean and dry surface with 3M™ General Purpose Adhesive Cleaner, PN
2.
08984. Do not use an adhesive cleaner until the primer has fully cured.
Punch out metal seal on base of cartridge and small metal seal in the opening of the caulk tube.
3.
Attach nozzle to cartridge by screwing it on (nozzles should be provided with each tube of seam
4.
sealer).
Place cartridge into front end of Sprayable Seam Sealer Applicator Gun, PN 08400.
5.
Add the exterior nozzle that is supplied with the gun and replace the retaining collar.
6.
Set air pressure and gun per instructions provided with the gun. An additional set of instructions is
7.
supplied at the end of this section of the technical data sheet.
Apply seam sealer and tool (if necessary) to desired finished appearance.
8.
The product is paintable immediately after application, up to 72 hours. After 72 hours, scuff the
9.
sealer prior to painting.
After use, dispose of both the nozzle attached to the tube, and empty package. Do not dispose of
10.
the exterior nozzle, it is part of the gun assembly.
TECH TIP SHEET
3M
TM UltraproTM MSP Sprayable Seam Sealer
(PN 08374)
Nozzle Purging
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com