Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08374 Datasheet(PDF) 3 Page - 3M Electronics

Part # 08374
Description  3M™ Ultrapro™ MSP Sprayable Seam Sealer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08374 Datasheet(HTML) 3 Page - 3M Electronics

  08374 Datasheet HTML 1Page - 3M Electronics 08374 Datasheet HTML 2Page - 3M Electronics 08374 Datasheet HTML 3Page - 3M Electronics 08374 Datasheet HTML 4Page - 3M Electronics 08374 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A characteristic of the 3M™ Ultrapro™ MSP Sprayable Seam Sealer and the Sprayable Seam
Sealer Applicator Gun (PN 08400) is that some sealant continues to flow out of the nozzle after
the trigger is released. In order to control this flow of sealant, a purging method to remove the
excess sealant in the nozzle was developed. The correct purging method is as follows:
Change the plunger pressure (blue valve) to 0 and set the air atomization pressure (red valve)
1.
at 4 or lower.
Squeeze the trigger on the applicator gun to 1/3 of the full trigger stroke. Do this twice in
2.
rapid succession. This will clear nearly all of the sealant from the outer gun nozzle.
Caution: Make sure the plunger pressure (blue valve) is at 0 and do not set the air atomization
valve (red valve) any higher than 4 during this procedure. Failure to do so will create
backpressure in the gun and cause the sealant to reverse discharge into the length of the gun
barrel. This will cause the gun to fail and void any manufacturer warranty.
Pressure Valve Settings
Technicians will need to adjust pressure settings and vary nozzle tip distances from the surface
in order to achieve the desired appearance of a bead, sprayed seam or coating. The airline
pressure to the Sprayable Seam Sealer Applicator Gun should be controlled with a pressure
regulator between 50-95 psi. Do not exceed 95 psi.
When the applicator gun pressures and the distance from the surface are adjusted appropriately,
no overspray is observed. If overspray is experienced, check the air pressure to the gun. The
following gun pressure valve settings are listed as general guidelines for producing the desired
patterns:
• Beads:
Turn the red valve to 0 and adjust the blue valve to:
Narrow Bead –
3 to 4
Wide Bead –
5 to 6
Heavy Bead –
7 to 8
• Sprayed Seam:
Adjust the blue valve to
5
Adjust the red valve to
2.5 – 3
* Spray at a distance of 1-2” from the surface to minimize overspray.
• Coating:
Adjust the blue valve to
5
Adjust the red valve to
2.5-3.5
* Spray at a distance of 10-12” from the surface to minimize overspray.
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com