Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5 Datasheet(PDF) 4 Page - 3M Electronics

Part # EC5
Description  Scotch-Weld?줗eneral Purpose Instant Adhesives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC5 Datasheet(HTML) 4 Page - 3M Electronics

  EC5 Datasheet HTML 1Page - 3M Electronics EC5 Datasheet HTML 2Page - 3M Electronics EC5 Datasheet HTML 3Page - 3M Electronics EC5 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3MScotch-Weld
General Purpose Instant Adhesives
EC5 • EC40 • EC100 • EC2500 • ECI Gel
Storage
For short term storage (<30 days), keep adhesive in a cool (60°F to 80°F [16°C to
27°C]), dry place out of direct sunlight. Keep containers tightly covered and free of
moisture. Refrigeration (40°F [4°C]) gives optimum long term storage stability.
Shelf Life
3M™ Scotch-Weld™ General Purpose Instant Adhesives can be expected to have a
shelf life of one year from the date of shipment from 3M when stored under
refrigerated conditions.
Precautionary
Information
Refer to Product Label and Material Safety Data Sheet for health and safety information
before using this product. For additional health and safety information, call 1-800-364-3577
or (651) 737-6501.
Technical Information
The technical information, recommendations and other statements contained in this
document are based upon tests or experience that 3M believes are reliable, but the accuracy
or completeness of such information is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can
affect the use and performance of a 3M product in a particular application. Given the
variety of factors that can affect the use and performance of a 3M product, user is solely
responsible for evaluating the 3M product and determining whether it is fit for a particular
purpose and suitable for user’s method of application.
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product
packaging or product literature, 3M warrants that each 3M product meets the applicable
3M product specification at the time 3M ships the product. 3M MAKES NO OTHER
WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY
IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE OF
DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive
remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase
price.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss or damage arising from
the 3M product, whether direct, indirect, special, incidental or consequential, regardless of
the legal theory asserted, including warranty, contract, negligence or strict liability.
ISO 9001: 2000
This product was manufactured under a quality system registered to ISO 9001: 2000 standards.
3
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/structuraladhesives
- 4 -
3M and Scotch-Weld are trademarks
of 3M Company.
©3M 2010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com