Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5 Datasheet(PDF) 2 Page - 3M Electronics

Part # EC5
Description  Scotch-Weld?줗eneral Purpose Instant Adhesives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC5 Datasheet(HTML) 2 Page - 3M Electronics

  EC5 Datasheet HTML 1Page - 3M Electronics EC5 Datasheet HTML 2Page - 3M Electronics EC5 Datasheet HTML 3Page - 3M Electronics EC5 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch-Weld™
General Purpose Instant Adhesives
EC5 • EC40 • EC100 • EC2500 • ECI Gel
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M
™ Scotch-Weld™ General Purpose Instant Adhesive
EC5*
EC40
EC100
EC2500
ECI Gel
Color
Clear
Clear
Clear
Clear
Clear
Base
Ethyl
Ethyl
Ethyl
Ethyl
Ethyl
Appearance
Liquid
Liquid
Liquid
Liquid
Liquid
Specific Gravity (g/ml)
1.05
1.06
1.06
1.08
1.10
Viscosity (cps)
<= 5 1
20
– 45 1
70-100 1
2,000
–
3,000 2
100,000
–
150,000 3
Time to Handling Strength
(sec) *
<10
<15
<20
<40
<25
Time to full cure (hr)
24
24
24
24
24
1 Cone-Plate viscosity, CP75 at 3000/s shear rate; 2 Cone-Plate viscosity, CP50 at 100/s shear rate; 3 Brookfield viscosity, Spindle TC @ 2.5 rpm;; * On
EPDM. Time to handling is substrate dependent.
Typical Cured
Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M
™ Scotch-Weld™ General Purpose Instant Adhesive
EC5
EC40
EC100
EC2500
ECI Gel
Temperature Range (°F)
-60 to 180
-60 to 180
-60 to 180
-60 to 180
-60 to 180
Gap Fill (in)
0.002
0.004
0.006
0.008
0.010
Overlap Shear Strength (psi) 1
Steel 2
2000
2000
2100
2100
2100
Stainless Steel 2
2150
2400
2000
2400
3100
Aluminum 2
1600
1700
1650
2100
3150
ABS
950 3
1000 3
990 3
850 3
1300 3
Polycarbonate
900 3
800 3
800 3
800 3
1000 3
PVC
1200 3
1200 3
1800 3
1200 3
1450 3
Nylon
350
400
750
500
350
Polypropylene 4
750 3
800 3
950 3
1050 3
830 3
Silicone Elastomers 5
100 3
100 3
100 3
110 3
100 3
1 ASTM D-1002
2 Grit blasted
3 Substrate failure
4 Primed with AC77
5 Primed with AC79
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com