Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVCX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVCX
Description  18 mm Square Rotary Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVCX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVCX Datasheet HTML 1Page - Panasonic Semiconductor EVCX Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rotary Potentiometers/EVCX
(3.5)
8.0
M8 P=0.75
0.6
0
–0.3
7.0
9.0
(3.8)
18.0±1.0
19.6±0.7
4.4
2.8±0.2
4-0.7
7-
φ0.8
+0.1
0
4-
φ1.6
+0.1
0
6-2.0
2-17.4
2-13.0±0.2
0
–0.1
(2.1)
(1.5)
R0.1
(Pitch tolerance:±0.1)
Mounting surface
Non-effective thread 1.0 max.
Pot.case attaching part
View from mounting side
PWB thickness t=1.6
PWB mounting hole for reference
Dimensions in mm (not to scale)
Custom design
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ANCTB55E 201704-Fd
 
Panasonic Corporation 2017
industrial.panasonic.com/ac/e/
Panasonic Corporation Electromechanical Control Business Division
–2–
General dimension tolerance : ± 0.5
( )dimensions are reference dimensions.
#1
#3
#2
Circuit diagram
Test circuit diagram
Vcc
Voltage drive method
(Potentiometer Connection)
Input impedance
:1MΩ min.
#1
#3
#2
ANCTB55-96E.indb 2
17/04/25 10:39



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com