Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVCX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVCX
Description  18 mm Square Rotary Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVCX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVCX Datasheet HTML 1Page - Panasonic Semiconductor EVCX Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rotary Potentiometers/EVCX
1
2
3
4
5
6
7
8
9
10
11
12
Product Code
Specifications
Shaft Trims & Dimensions
Taper & Resistance
Shaft Trims & Dimensions
Explanation of Part Numbers
h
s
u
b
t
u
o
h
t
i
w
r
o
h
t
i
w
,
e
p
y
t
t
n
e
m
t
s
u
j
d
A
p
o
T
e
p
y
T
ing
Mechanical
°
0
8
2
e
l
g
n
A
n
o
i
t
a
t
o
R
m
·
N
m
0
0
1
o
t
m
·
N
m
0
2
e
u
q
r
o
T
n
o
i
t
a
t
o
R
°
0
3
o
t
°
0
1
h
c
t
i
P
t
n
e
t
e
D
.
n
i
m
m
·
N
8
.
0
h
t
g
n
e
r
t
S
r
e
p
p
o
t
S
t
f
a
h
S
Electrical
Nominal Total Resistance
5 k
Ω to 100 kΩ (Tolerance ±20 %)
W
5
0
.
0
g
n
i
t
a
R
r
e
w
o
P
l
a
u
D
,
e
l
g
n
i
S
e
p
y
T
s
r
e
t
e
m
o
i
t
n
e
t
o
P
M
0
0
1
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I
Ω min. at 250 V DC
e
g
a
t
l
o
V
d
n
a
t
s
h
t
i
W
c
i
r
t
c
e
l
e
i
D
.
x
a
m
V
m
0
0
1
l
e
v
e
L
e
s
i
o
N
15,000 cycles min.
e
f
i
L
g
n
i
t
a
r
e
p
O
e
c
n
a
r
u
d
n
E
)
k
c
a
P
y
a
r
T
(
.
s
c
p
0
8
t
i
n
U
g
n
i
k
c
a
P
/
y
t
i
t
n
a
u
Q
m
u
m
i
n
i
M
.
s
c
p
0
0
8
n
o
t
r
a
C
/
y
t
i
t
n
a
u
Q
Features
External dimensions: 18.0 mm
×18.0 mm, Height 8.0 mm
Output accuracy (±3 %)
18 mm Square Rotary Potentiometers
(High Rotational Torque)
Type:
EVCX
Recommended Applications
Function switching/adjusting for control panels of car
air conditioners
Signal input for monitors, audio/visual equipment
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ANCTB55E 201704-Fd
 
Panasonic Corporation 2017
–1–
industrial.panasonic.com/ac/e/
2017.04
300 V AC for 1 minute
ANCTB55-96E.indb 1
17/04/25 10:39


Similar Part No. - EVCX

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
Limiting continuous current 250A at 85째C
logo
GREEGOO Electric Co.,Lt...
EVC1-630A GREEGOO-EVC1-630A Datasheet
546Kb / 6P
Single Phase Vacuum Contactor/EVC1-630A
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
Vacuum Contactors
logo
Sensata Technologies, I...
EVCC SENSATA-EVCC Datasheet
178Kb / 1P
ELECTRIC VEHICLE COMMUNICATION CONTROLLER
Rev:06/11/24
logo
Littelfuse
EVCC-01 LITTELFUSE-EVCC-01 Datasheet
879Kb / 4P
EVCC-01 Series
Revised: 11/12/2025
More results

Similar Description - EVCX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
logo
Panasonic Semiconductor
EVUE20 PANASONIC-EVUE20 Datasheet
175Kb / 5P
9 mm Square Rotary Potentiometers with Insulated Shaft Audio Equipment
EVM-3YSX50B54 PANASONIC-EVM-3YSX50B54 Datasheet
106Kb / 3P
3 mm Square SMT Trimmer Potentiometers
EVN-D8AA03B13 PANASONIC-EVN-D8AA03B13 Datasheet
152Kb / 3P
6FE Square Trimmer Potentiometers
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
9 mm Square Rotary Potentiometers with Insulated Shaft
EVN-DJAA03B24 PANASONIC-EVN-DJAA03B24 Datasheet
162Kb / 3P
6FE Square Trimmer Potentiometers
logo
List of Unclassifed Man...
PR18 ETC-PR18 Datasheet
196Kb / 4P
SINGLE-TURN ROTARY POTENTIOMETERS
logo
Panasonic Semiconductor
EWVYG PANASONIC-EWVYG Datasheet
119Kb / 2P
44/25 mm Center Space Rotary Potentiometers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com