Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP3501 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP3501
Description  3M Scotch-WeldTM Epoxy Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP3501 Datasheet(HTML) 2 Page - 3M Electronics

  DP3501 Datasheet HTML 1Page - 3M Electronics DP3501 Datasheet HTML 2Page - 3M Electronics DP3501 Datasheet HTML 3Page - 3M Electronics DP3501 Datasheet HTML 4Page - 3M Electronics DP3501 Datasheet HTML 5Page - 3M Electronics DP3501 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
3501 B/A Gray and DP 3501
- 2 -
Typical Cured
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Physical
Color
Gray
Shore D Hardness
75-80
Thermal
Thermal Coefficient of Expansion (in/in/°C)
60 x 10-6 (-50 to 10°C range)
234 x 10-6 (50 to 110°C range)
Thermal Conductivity
btu - ft./ft.2 - hr. - °F
0.193
Electrical
Dielectric Strength
700 volts/mil
Volume Resistivity
1.2 x 1013 ohm - cm
Handling/Curing
Information
Directions for Use
3M™ Scotch-Weld™ Epoxy Adhesive DP 3501 is supplied in dual syringe plastic
duo-pak cartridges as part of the 3M™ EPX™ Applicator System. The duo-pak
cartridges are supplied in 400 ml configurations. To use the EPX cartridge system
simply insert the duo-pak cartridge into the EPX applicator. Next, remove the duo-
pak cartridge cap and expel a small amount of adhesive to be sure both sides of the
duo-pak cartridge are flowing evenly and freely. If simultaneous mixing of Part A
and Part B is desired, attach the EPX mixing nozzle to the duo-pak cartridge and
begin dispensing the adhesive.
When mixing Part A and Part B manually the components must be mixed in the ratio
indicated in the typical uncured properties section of this data sheet. Complete
mixing of the two components is required to obtain optimum properties.
Two-part mixing/proportioning/dispensing equipment is available for intermittent or
production line use. These systems are ideal for line uses because of their variable
shot size and flow rate characteristics and are adaptable to most applications.
Apply adhesive to clean, dry surfaces, join parts and secure until adhesive sets
(see rate of strength build up).
These products may be applied by spatula, trowel, or flow equipment.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com