Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP3501 Datasheet(PDF) 3 Page - 3M Electronics

Part # DP3501
Description  3M Scotch-WeldTM Epoxy Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP3501 Datasheet(HTML) 3 Page - 3M Electronics

  DP3501 Datasheet HTML 1Page - 3M Electronics DP3501 Datasheet HTML 2Page - 3M Electronics DP3501 Datasheet HTML 3Page - 3M Electronics DP3501 Datasheet HTML 4Page - 3M Electronics DP3501 Datasheet HTML 5Page - 3M Electronics DP3501 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
3501 B/A Gray and DP 3501
- 3 -
Surface Preparation
For high strength structural bonds, paint, oxide films, oils, dust, mold release agents
and all other surface contaminants must be removed. The amount of surface
preparation depends on the user’s required bond strength and environmental aging
resistance.
The following cleaning methods are suggested for these common surfaces:
Steel:
1. Wipe free of dust with oil-free solvent such as Methyl Ethyl Ketone (MEK).*
2. Sandblast or abrade using clean fine grit abrasives.
3. Wipe again with solvent to remove loose particles.
Aluminum:
1. Vapor Degrease – Perchloroethylene* condensing vapors for 5-10 minutes.
2. Alkaline Degrease – Oakite 164 solution (9-11 oz./gallon water) at 190°F ± 10°F
(88°C ± 5°C) for 10-20 minutes. Rinse immediately in large quantities of cold
running water.
3. Acid Etch: Place panels in the following solution for 10 minutes at 150°F ± 5°F
(66°C ± 2°C).
Sodium Dichromate
4.1-4.9 oz./gallon
Sulfuric Acid, 66°Be
38.5-41.5 oz./gallon
2024-T3 aluminum (dissolved)
0.2 oz./gallon minimum
Tap Water
Balance of Volume
Note: Read and follow component supplier’s environmental, health and safety
recommendations prior to preparation of this etch solution.
4. Rinse – Rinse panels in clear running tap water.
5. Dry – Air dry 15 minutes; force dry 10 minutes at 150°F ± 5°F (66°C ± 2°C).
6. If primer is to be used, it should be applied within 4 hours after surface
preparation.
7. Read manufacturer’s hazard communication and follow manufacturer’s
recommended guidelines for safe handling of the above chemical products.
Plastics:
1. Solvent wipe with Isopropyl Alcohol.*
2. Abrade using clean fine grit abrasives.
3. Solvent wipe with Isopropyl Alcohol.*
Rubbers:
1. Solvent wipe with Methyl Ethyl Ketone (MEK).*
2. Abrade using clean fine grit abrasives.
3. Solvent wipe with MEK.*
*Note: When using solvents, extinguish all ignition sources and follow manufacturer’s
precautions and directions for use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com