Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7953MP Datasheet(PDF) 2 Page - 3M Electronics

Part # 7953MP
Description  3M™ Membrane Switch Product with Adhesive 200MP 7953MP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7953MP Datasheet(HTML) 2 Page - 3M Electronics

  7953MP Datasheet HTML 1Page - 3M Electronics 7953MP Datasheet HTML 2Page - 3M Electronics 7953MP Datasheet HTML 3Page - 3M Electronics 7953MP Datasheet HTML 4Page - 3M Electronics 7953MP Datasheet HTML 5Page - 3M Electronics 7953MP Datasheet HTML 6Page - 3M Electronics 7953MP Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3M™ Membrane Switch Product with Adhesive 200MP 7953MP
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Adhesive Thickness
Attribute Modi er
Notes
0.04 mm
0.04 mm
1.5 mil
Backside
The caliper listed is based on a calculation from
manufacturing controlled adhesive coat weight.
While past data pages have listed nominal
thicknesses of 1 and 2 mils, the coat weight (and
theoretical caliper) has not changed.
1.5 mil
Backside
Backside adhesive is on the exterior of the roll,
exposed when liner is removed.
0.04 mm
1.5 mil
Faceside
Faceside adhesive is on the interior of the roll,
exposed when unwound and liner removed.
Property: Adhesive Thickness
Property
Values
Notes
Carrier Thickness
0.01 mm
0.5 mil
Adhesive Carrier
Polyester Film (PET)
Primary Liner Type
58# Polycoated Kraft Paper (PCK)
Inner liner is primary(stays with die-cut part);
Outer liner is secondary (removed rst)
Secondary Liner Type
58# Polycoated Kraft Paper (PCK)
Inner liner is primary(stays with die-cut part);
Outer liner is secondary (removed rst)
Primary Liner Thickness
0.11 mm
4.2 mil
Secondary Liner Thickness
0.11 mm
4.2 mil
Typical Performance Characteristics
Table continued on next page
90°
Peel
Adhesion
Method
Dwell/Cure
Time
Temp C
Temp F
Substrate Backing
Notes
Dwell
Time
Units
Environmental
Condition
5.5
N/cm
ASTM
D3330
Initial
22C
72F
Stainless
Steel
2 mil
PET
12 in/min (300 mm/min)
50
oz/in
ASTM
D3330
Initial
72F
52%RH
Stainless
Steel
2 mil
PET
22C
18
N/cm
160
oz/in
ASTM
D3330
(modi ed)
72
70C
158F
Stainless
Steel
PET
Film
12 in/min (300 mm/min)
hr
52%RH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com