Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7953MP Datasheet(PDF) 3 Page - 3M Electronics

Part # 7953MP
Description  3M™ Membrane Switch Product with Adhesive 200MP 7953MP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7953MP Datasheet(HTML) 3 Page - 3M Electronics

  7953MP Datasheet HTML 1Page - 3M Electronics 7953MP Datasheet HTML 2Page - 3M Electronics 7953MP Datasheet HTML 3Page - 3M Electronics 7953MP Datasheet HTML 4Page - 3M Electronics 7953MP Datasheet HTML 5Page - 3M Electronics 7953MP Datasheet HTML 6Page - 3M Electronics 7953MP Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M™ Membrane Switch Product with Adhesive 200MP 7953MP
Typical Performance Characteristics (continued)
90°
Peel
Adhesion
Method
Dwell/Cure
Time
Temp C
Temp F
Substrate Backing
Notes
Dwell
Time
Units
Environmental
Condition
3.5
N/cm
ASTM
D3330
(modi ed)
Initial
Aluminum PET
Film
32
oz/in
ASTM
D3330
Initial
22C
72F
Aluminum 2 mil
PET
12 in/min (300 mm/min)
52%RH
8.2
N/cm
75 oz/in
ASTM
D3330
72
22C
72F
Aluminum 2 mil
PET
12 in/min (300 mm/min)
hr
52%RH
16.6
N/cm
152
oz/in
ASTM
D3330
(modi ed)
72
70C
158F
Aluminum PET
Film
hr
52%RH
4.8
N/cm
44 oz/in ASTM
D3330
(modi ed)
Initial
PET
PET
Film
12 in/min (300 mm/min)
8
N/cm
73 oz/in
ASTM
D3330
(modi ed)
72
22C
72F
PET
PET
Film
hr
52%RH
13.7
N/cm
125
oz/in
ASTM
D3330
(modi ed)
72
70C
158F
PET
PET
Film
hr
52%RH
5.1
N/cm
47 oz/in
ASTM
D3330
(modi ed)
Initial
Polycarbonate
(PC)
PET
Film
12 in/min (300 mm/min)
8.2
N/cm
75 oz/in
ASTM
D3330
(modi ed)
72 hr @
158°F(70°C)
Polycarbonate
(PC)
PET
Film
113
oz/in
12.4
N/cm
ASTM
D3330
72
22C
72F
Stainless
Steel
2 mil
PET
12 in/min (300 mm/min)
hr
52%RH
8.3
N/cm
76 oz/in
ASTM
D3330
72
22C
72F
Polycarbonate
(PC)
2 mil
PET
12 in/min (300 mm/min)
hr
52%RH
Property: 90° Peel Adhesion
Overlap Shear Strength
Substrate
0.72 MPa
105 lb/in²
Stainless Steel
0.61 MPa
88 lb/in²
Polycarbonate (PC)
Property: Overlap Shear Strength
Method: ASTM D1001
Backing: PET Film
Table continued on next page
Property
Values
Method
Substrate
Backing
Test Condition
Notes
Tensile
Strength
1593 lb/in
ASTM D2370
Stainless Steel
PET Film



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com