Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6035PC Datasheet(PDF) 2 Page - 3M Electronics

Part # 6035PC
Description  3M™ Adhesive Transfer Tape 6035PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6035PC Datasheet(HTML) 2 Page - 3M Electronics

  6035PC Datasheet HTML 1Page - 3M Electronics 6035PC Datasheet HTML 2Page - 3M Electronics 6035PC Datasheet HTML 3Page - 3M Electronics 6035PC Datasheet HTML 4Page - 3M Electronics 6035PC Datasheet HTML 5Page - 3M Electronics 6035PC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Adhesive Transfer Tape 6035PC
General Information
• 3M 6035PC meets automotive OEM fogging speci cations
• Provides excellent bond to a wide variety of surfaces.
• High initial tack for quick and easy assembly line application.
• High temperature resistance to withstand environmental conditions normally associated with automotive interiors.
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Adhesive Type
#300MP Acrylic Adhesive
Adhesive Thickness
0.127 mm
5 mil
Liner
58# Polycoated Kraft Paper
Liner Thickness
0.107 mm
4.2 mil
Typical Performance Characteristics
Table continued on next page
90°
Peel
Adhesion
Dwell/Cure
Time
Dwell
Time
Units
Temp C
Temp F
Environmental
Condition Substrate Backing
Notes
11.2
N/cm
15
min
22C
72F
52%RH
Stainless
Steel
2 mil
Aluminum
Foil
102
oz/in
15
min
22C
72F
52%RH
Stainless
Steel
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
9.7
N/cm
15
min
22C
72F
52%RH
Polycarbonate
(PC)
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
89 oz/in
15 min @
Room
Temperature
Polycarbonate
(PC)
Aluminum
Foil
14.3
N/cm
131 oz/in
72
hr
22C
72F
52%RH
Stainless
Steel
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
18.2
N/cm
166 oz/in
72
hr
70C
158F
52%RH
Stainless
Steel
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
10 N/cm 93 oz/in
72
hr
22C
72F
52%RH
ABS
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
8 N/cm
73 oz/in
72
hr
22C
72F
52%RH
Polypropylene
(PP)
2 mil
Aluminum
Foil
12 in/min (300 mm/min)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com