Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6035PC Datasheet(PDF) 3 Page - 3M Electronics

Part # 6035PC
Description  3M™ Adhesive Transfer Tape 6035PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6035PC Datasheet(HTML) 3 Page - 3M Electronics

  6035PC Datasheet HTML 1Page - 3M Electronics 6035PC Datasheet HTML 2Page - 3M Electronics 6035PC Datasheet HTML 3Page - 3M Electronics 6035PC Datasheet HTML 4Page - 3M Electronics 6035PC Datasheet HTML 5Page - 3M Electronics 6035PC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Adhesive Transfer Tape 6035PC
Typical Performance Characteristics (continued)
90°
Peel
Adhesion
Dwell/Cure
Time
Dwell
Time
Units
Temp C
Temp F
Environmental
Condition Substrate Backing
Notes
10.5
N/cm
96 oz/in
72
hr
22C
72F
52%RH
Polycarbonate
(PC)
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
7.3
N/cm
67 oz/in
72
hr
70C
158F
52%RH
Polycarbonate
(PC)
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
6.9
N/cm
63 oz/in
72
hr
70C
158F
52%RH
Polypropylene
(PP)
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
8.5
N/cm
78 oz/in
72
hr
70C
158F
52%RH
ABS
2 mil
Aluminum
Foil
12 in/min (300 mm/min)
Property: 90° Peel Adhesion
Method: ASTM D3330
Environmental
Resistance
Dwell/Cure Time
Dwell Time Units
Temp C
Temp F
Environmental
Condition
7.1 N/cm
65 oz/in
1
hr
22C
72F
Gasoline
4.3 N/cm
39 oz/in
1
hr
22C
72F
MEK
9.7 N/cm
89 oz/in
4
hr
22C
72F
Weak Acid (pH 4)
8.9 N/cm
81 oz/in
4
hr
22C
72F
Weak Base (pH 10)
12.4 N/cm
114 oz/in
72
hr
49C
120F
Oil 10W30
14.7 N/cm
134 oz/in
100
hr
22C
72F
Water
15.3 N/cm
140 oz/in
7
day
32C
90F
90%RH
14.7 N/cm
134 oz/in
72
hr
Temperature
Cycling: 4 Hours at
158°F (70°C). 4
Hours at -20°F
(-29°C). 16 Hours at
Room
Tempterature.
Repeat three times
12.4 N/cm
113 oz/in
72
hr
22C
72F
Salt Water (5%)
20.9 N/cm
191 oz/in
30
day
UV exposure
Property: Environmental Resistance
Attribute Modi er: 90o Peel
Substrate: Stainless Steel
Backing: 2 mil Aluminum Foil
notes: 12 inches/minute (300 mm/minute)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com