Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6/TF Datasheet(PDF) 19 Page - STMicroelectronics

Part # M24128X-FCU6/TF
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6/TF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M24128X-FCU6/TF Datasheet HTML 15Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 16Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 17Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 18Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 19Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 20Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 21Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 22Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
9
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the
device.
Table 9. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.6
1.7
5.5
V
TA
Ambient operating temperature: Read
–40
-40
85
°C
Ambient operating temperature: Write
0
-40
fC
Operating clock frequency VCC = 1.6 V
-
400
kHz
Operating clock frequency VCC ≥ 1.7 V
-
1000
Table 10. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
Cbus
Load capacitance
-
100
pF
-
SCL input rise/fall time, SDA input fall time
-
50
ns
-
Input levels
0.2 VCC to 0.8 VCC
V
-
Input and output timing reference levels
0.3 VCC to 0.7 VCC
V
Figure 11. AC measurement I/O waveform
0.8VCC
0.2VCC
0.7VCC
0.3V CC
Input and output
Timing reference levels
Input voltage levels
Table 11. Input parameters
Symbol
Parameter (1)
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
-
-
8
pF
CIN
Input capacitance (other pins)
-
-
6
pF
1. Characterized only, not tested in production.
M24128X-FCU
DC and AC parameters
DS12680 - Rev 2
page 19/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com