Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6/TF Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24128X-FCU6/TF
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6/TF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24128X-FCU6/TF Datasheet HTML 19Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 20Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 21Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 22Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 23Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 24Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 25Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 26Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Figure 12. Maximum Rbus value vs. bus parasitic capacitance (Cbus) for an I2C bus at maximum frequency
fC = 400 kHz
1
10
100
10
100
1000
Bus line capacitor (pF)
I²C bus
master
M24xxx
Rbus
VCC
Cbus
SCL
SDA
R
bu
s ×
C
bu
s = 400
ns
Here Rbus x Cbus = 120 ns
4 k
30
The Rbus x Cbus time constant
must be below the 400 ns
time constant line represented
on the left.
Figure 13. Maximum Rbus value vs. bus parasitic capacitance (Cbus) for an I2C bus at fC = 1MHz
1
10
0
I²C bus
master
M24xxx
SCL
SDA
Here,
R
bus x C
bus = 150
ns
4
30
10
Rbus x Cbus = 120 ns
Bus line capacitor (pF)
10
100
The Rbus x Cbus time constant
Must be below the 150 ns
Time constant line
represented on the left
VCC
Rbus
Cbus
M24128X-FCU
DC and AC parameters
DS12680 - Rev 2
page 23/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com