Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST715
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST715_V01 Datasheet HTML 2Page - STMicroelectronics ST715_V01 Datasheet HTML 3Page - STMicroelectronics ST715_V01 Datasheet HTML 4Page - STMicroelectronics ST715_V01 Datasheet HTML 5Page - STMicroelectronics ST715_V01 Datasheet HTML 6Page - STMicroelectronics ST715_V01 Datasheet HTML 7Page - STMicroelectronics ST715_V01 Datasheet HTML 8Page - STMicroelectronics ST715_V01 Datasheet HTML 9Page - STMicroelectronics ST715_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
ST715
6/24
DocID14414 Rev 15
4
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = 0.1 µF, COUT = 1 µF, IOUT = 1 mA, unless otherwise
specified.(1)
Table 6. Electrical characteristics - adjustable version
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
IOUT = 85 mA
2.5
24
V
IOUT
Output current
VIN = 2.5 to 6 V, TJ = -40 °C to 125 °C
85
mA
VFB
VFB accuracy
(1)
VIN = VOUT + 1 to 24 V,
IOUT = 1 mA to 30 mA,
TJ = 0 °C to 85 °C
1.195
1.245
V
VIN = VOUT + 1 to 24 V,
IOUT = 1 mA to 85 mA,
TJ = -40 °C to 125 °C
1.152
1.248
∆V
OUT
Line regulation
VIN = VOUT+1 to 24 V, IOUT = 1 mA,
TJ = -40 °C to 125 °C
0.001
0.004
%/V
∆V
OUT
Load regulation
IOUT = 1 mA to 85 mA,
TJ = -40 °C to 125 °C
0.002
0.004
%/mA
eN
Output noise voltage (2)
200 Hz to 100 kHz, IOUT = 50 mA,
COUT = 10 µF, TJ = -40 °C to 125 °C,
VOUT = 1.2 V
95
µVRMS
SVR
Supply voltage rejection
VIN = VOUTNOM+1 V+/-
VRIPPLE, VRIPPLE = 0.2 V,
IOUT = 1 mA, COUT = 10 µF
f = 1 kHz
45
dB
TJ = -40 °C to 125 °C
f = 100 kHz
62
IQ
Quiescent current
IOUT = 0 mA to 85 mA,
TJ = -40 °C to 125 °C
5.5
µA
IOUT = 0 mA to 85 mA, VIN = 24 V
TJ = -40 °C to 125 °C
6.5
ISC
Short-circuit current
VOUT = 0, TJ = -40 °C to 125 °C
VIN = 3.8 V
120
mA
TON
Turn-on time (3)
VIN = 4.2 V, COUT = 10 µF, IOUT = 60 mA,
TJ = -40 °C to 125 °C
0.7
ms
COUT
Output capacitor
Capacitance f = 100 kHz
0.47
µF
1. For VOUT(NOM) < 2 V, VIN = 2.5 V.
2. Guaranteed by design.
3. Turn-on time is time measured between the input just exceeding 90% of its final value and the output voltage just reaching
95% of its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com