Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST715
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST715_V01 Datasheet HTML 3Page - STMicroelectronics ST715_V01 Datasheet HTML 4Page - STMicroelectronics ST715_V01 Datasheet HTML 5Page - STMicroelectronics ST715_V01 Datasheet HTML 6Page - STMicroelectronics ST715_V01 Datasheet HTML 7Page - STMicroelectronics ST715_V01 Datasheet HTML 8Page - STMicroelectronics ST715_V01 Datasheet HTML 9Page - STMicroelectronics ST715_V01 Datasheet HTML 10Page - STMicroelectronics ST715_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID14414 Rev 15
7/24
ST715
Electrical characteristics
24
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = 0.1 µF, COUT = 1 µF, IOUT = 1 mA, VOUT = 3.3 V
unless otherwise specified.(1)
Table 7. Electrical characteristics - fixed version
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
IOUT = 85 mA, TJ = -40 °C to 125 °C
VOUT
+VDROP
24
V
IOUT
Output current
VIN = 4.3 to 24 V, TJ = -40 °C to 125 °C
0
85
mA
VOUT
VOUT total accuracy
(1)
VIN = VOUT+1 to 24 V, IOUT = 0 to 85 mA,
TJ = -40 °C to 125 °C
-5
+5
%
∆V
OUT
Line regulation
VIN = 4.3 to 24 V, IOUT = 1 mA,
TJ = -40 °C to 125 °C
0.001
0.004
%/V
∆V
OUT
Load regulation
IOUT =100 µA to 85 mA,
TJ = -40 °C to 125 °C
0.002
0.003
%/mA
VDROP Dropout voltage
(2)
IOUT = 85 mA, TJ= -40 °C to 125 °C
500
1000
mV
eN
Output noise voltage(3)
200 Hz to 100 kHz, IOUT = 50 mA,
COUT= 10 µF, TJ = -40 °C to 125 °C
210
µVRMS
SVR
Supply voltage rejection
VIN = VOUTNOM+1 V+/-
VRIPPLE, VRIPPLE = 0.2 V,
IOUT = 1 mA, COUT = 10 µF
f = 1 kHz
38
dB
TJ = -40 °C to 125 °C
f = 100 kHz
57
IQ
Quiescent current
IOUT=0 mA to 85 mA,
TJ = -40 °C to 125 °C
3.75
5.5
µA
VIN=24 V
4.15
6.5
ISC
Short-circuit current
VOUT = 0, TJ =-40 °C to 125 °C VIN = 3.8 V
120
mA
TON
Turn-on time (4)
VIN = 4.2 V, COUT = 10 µF, IOUT = 60 mA,
TJ = -40 °C to 125 °C
0.7
ms
COUT
Output capacitor
Capacitance f = 100 kHz
0.47
µF
1. For VOUT(NOM) < 2 V, VIN = 2.5 V.
2. Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply to output voltages below 2 V.
3. Guaranteed by design.
4. Turn-on time is time measured between the input just exceeding 90% of its final value and the output voltage just reaching
95% of its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com