Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

855 Datasheet(PDF) 3 Page - 3M Electronics

Part # 855
Description  3M™ High Temperature Nylon Tape 855
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

855 Datasheet(HTML) 3 Page - 3M Electronics

  855 Datasheet HTML 1Page - 3M Electronics 855 Datasheet HTML 2Page - 3M Electronics 855 Datasheet HTML 3Page - 3M Electronics 855 Datasheet HTML 4Page - 3M Electronics 855 Datasheet HTML 5Page - 3M Electronics 855 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ High Temperature Nylon Tape 855
Typical Performance Characteristics (continued)
Property Values
Method
Dwell/Cure
Time
Substrate
Notes
Temperature
Use
Range
note
Withstands
autoclave
cycles up
to 350°F
(177°C)
Available Sizes
Property
Values
Standard Roll Length
65.8 m
72 yd
Handling/Application Information
Application Ideas
• Holding down composite or metal bonding materials during autoclave processes.
• Used to remove ash after composite or metal bonding operations.
• Advanced composite and metal bond masking as non-silicone adhesive allows use on many parts and tooling
equipment where subsequent painting or bonding operations will take place.
• High temperature paint masking up to 400°F (204°C) for short term bake cycles.
Storage and Shelf Life
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% relative humidity in the original
packaging material.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com