Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

855 Datasheet(PDF) 1 Page - 3M Electronics

Part # 855
Description  3M™ High Temperature Nylon Tape 855
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

855 Datasheet(HTML) 1 Page - 3M Electronics

  855 Datasheet HTML 1Page - 3M Electronics 855 Datasheet HTML 2Page - 3M Electronics 855 Datasheet HTML 3Page - 3M Electronics 855 Datasheet HTML 4Page - 3M Electronics 855 Datasheet HTML 5Page - 3M Electronics 855 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASK A 3M EXPERT
March, 2016
3M™ High Temperature Nylon Tape 855
Product Description
3M™ High Temperature Nylon Tape 855 is a strong nylon backings and a
high temperature rubber adhesive. Used to hold down materials during
composite or metal bonding bagging operations or assist in removing
ashing after composite bonding, where the use of a non-silicone tape is
preferred.
Product Features
• High temperature performance is achieved without the use of silicone
adhesive which eliminates silicone residue which often interferes with
cleaning operations and anchorage of certain adhesives and paints.
• High temperature – clean removal to a variety of surfaces after exposure
to 350°F (177°C) for several hours. In shorter cycles, the tape can be
expected to provide satisfactory performance up to 400°F (204°C) bake
cycles.
• Nylon backing for toughness, high elongation, quick removal, and ease of
application.


Similar Part No. - 855

ManufacturerPart #DatasheetDescription
logo
Littelfuse
855 LITTELFUSE-855 Datasheet
87Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
855 LITTELFUSE-855 Datasheet
80Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
Abbatron All Rights Res...
855 ABBATRON-855 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
855 BG-855 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
MG Chemicals
855 MG-CHEMICALS-855 Datasheet
187Kb / 3P
Brushes Technical Data Sheet
29 March 2017 / Ver. 1.00
More results

Similar Description - 855

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
9085 3M-9085 Datasheet
159Kb / 8P
3M??Ultra High Temperature 100 HT Adhesive Transfer Tape 9085
2393 3M-2393 Datasheet
126Kb / 5P
3M™ Premium High Temperature Masking Tape
Jun-2015
2668 3M-2668 Datasheet
2Mb / 4P
3M™ High Shear Pressure Sensitive Cover Tape 2668
August 2017
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com