Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL36N60M6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL36N60M6
Description  N-channel 600 V, 91 mΩ typ., 25 A MDmesh™M6 Power MOSFET in a PowerFLAT™8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL36N60M6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL36N60M6 Datasheet HTML 7Page - STMicroelectronics STL36N60M6 Datasheet HTML 8Page - STMicroelectronics STL36N60M6 Datasheet HTML 9Page - STMicroelectronics STL36N60M6 Datasheet HTML 10Page - STMicroelectronics STL36N60M6 Datasheet HTML 11Page - STMicroelectronics STL36N60M6 Datasheet HTML 12Page - STMicroelectronics STL36N60M6 Datasheet HTML 13Page - STMicroelectronics STL36N60M6 Datasheet HTML 14Page - STMicroelectronics STL36N60M6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
4.2
PowerFLAT™ 8x8 HV packing information
Figure 21. PowerFLAT™ 8x8 HV tape
E (1.75±0.1)
A0 (8.30±0.1)
P1 (12.00±0.1)
P2 (2.0±0.1)
P0 (4.0±0.1)
D0 ( 1.55±0.05)
D1 ( 1.5 Min)
T (0.30±0.05)
K0 (1.10±0.1)
Note: Base and Bulk qu antity 3000 pcs
8229819_Tape_revA
Note:
All dimensions are in millimeters.
Figure 22. PowerFLAT™ 8x8 HV package orientation in carrier tape
STL36N60M6
PowerFLAT™ 8x8 HV packing information
DS11134 - Rev 4
page 11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com