Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL36N60M6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STL36N60M6
Description  N-channel 600 V, 91 mΩ typ., 25 A MDmesh™M6 Power MOSFET in a PowerFLAT™8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL36N60M6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STL36N60M6 Datasheet HTML 7Page - STMicroelectronics STL36N60M6 Datasheet HTML 8Page - STMicroelectronics STL36N60M6 Datasheet HTML 9Page - STMicroelectronics STL36N60M6 Datasheet HTML 10Page - STMicroelectronics STL36N60M6 Datasheet HTML 11Page - STMicroelectronics STL36N60M6 Datasheet HTML 12Page - STMicroelectronics STL36N60M6 Datasheet HTML 13Page - STMicroelectronics STL36N60M6 Datasheet HTML 14Page - STMicroelectronics STL36N60M6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 9. Document revision history
Date
Revision
Changes
03-Jul-2015
1
First release.
09-Jul-2015
2
Updated Figure 1: "Internal schematic diagram" in cover page.
07-Aug-2015
3
Text and formatting changes throughout document.
Datasheet promoted from preliminary data to production data.
On cover page:
- updated title description and package silhouette
In section Electrical ratings:
- updated table Avalanche characteristics
In section Electrical characteristics:
- updated tables On/off states, Dynamic, Switching times and Source drain diode
Added section Electrical characteristics (curves)
20-Sep-2018
4
Modified features table on cover page.
Modified Table 4. On/off states, Table 5. Dynamic, Table 6. Switching times and
Table 7. Source-drain diode.
Modified Section 2.1 Electrical characteristics (curves).
Minor text changes.
STL36N60M6
DS11134 - Rev 4
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com