Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ020C28R Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLQ020C28R
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020C28R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLQ020C28R Datasheet HTML 3Page - STMicroelectronics STLQ020C28R Datasheet HTML 4Page - STMicroelectronics STLQ020C28R Datasheet HTML 5Page - STMicroelectronics STLQ020C28R Datasheet HTML 6Page - STMicroelectronics STLQ020C28R Datasheet HTML 7Page - STMicroelectronics STLQ020C28R Datasheet HTML 8Page - STMicroelectronics STLQ020C28R Datasheet HTML 9Page - STMicroelectronics STLQ020C28R Datasheet HTML 10Page - STMicroelectronics STLQ020C28R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TJ = 25 °C, VIN = 2 V, VEN = VIN; CIN = 1 μF; COUT = 1 μF; IOUT = 1 mA.
Table 5. Electrical characteristics (adjustable version)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage range
2
5.5
V
VADJ
Reference voltage accuracy
TJ = 25 °C
0.784
0.8
0.816
V
-40 °C < TJ < 125 °C
-3
3
%
IADJ
Adjustable pin current
1
nA
∆VADJ%/∆VIN Static line regulation
2 V< VIN < 5.5 V
0.005
%/V
-40 °C < TJ < 125 °C
0.05
∆VADJ%/∆IOUT Static load regulation
1 mA < IOUT < 0.2 A; TJ = 25 °C
0.0015
%/mA
-40 °C < TJ < 125 °C
0.005
VDROP
Dropout voltage(1)
VOUT = 2.0 V; IOUT = 0.2 A
200
mV
VOUT = 2.0 V; IOUT = 20 mA
20
mV
eN
Output noise voltage
f = 10 Hz to 100 kHz
135
µVRMS/
VOUT
SVR
Supply voltage rejection
VOUT = 2.5 V; VRIPPLE = 0.2 Vpp
IOUT = 10 mA; f = 100 Hz
60
dB
VOUT = 2.5 V; VRIPPLE = 0.2 Vpp
IOUT = 10 mA ; f = 1 kHz
40
VOUT = 2.5 V; VRIPPLE = 0.2 Vpp
IOUT = 10 mA; f = 10 kHz
60
Iq
Quiescent current
IOUT = 0 A
300
nA
IOUT = 0 A; -40 °C < TJ < 125 °C
1000
IOUT = 0.2 A
80
µA
IOUT = 0.2 A; -40 °C < TJ < 125
°C
150
Shutdown current
VEN = 0 V, VIN = 2 V
0.005
0.05
µA
ISC
Short-circuit current
VOUT = 0 V
380
mA
RLOW (2)
Output discharge resistance
VEN = 0 V
100
Ω
VEN
Enable input logic low
-40 °C < TJ < 125 °C
0.4
V
Enable input logic high
1.2
IEN
Enable pin input current
VEN = VIN; 1.25 < VIN < 5.5 V
1
nA
TSHDN
Thermal shutdown(3)
IOUT > 1 mA
160
°C
Hysteresis
20
1. Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
2. The thermal protection is not active when the load current is lower than 1 mA.
3. On specific version only.
STLQ020
Electrical characteristics
DS12072 - Rev 3
page 7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com