Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ020C28R Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLQ020C28R
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020C28R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLQ020C28R Datasheet HTML 5Page - STMicroelectronics STLQ020C28R Datasheet HTML 6Page - STMicroelectronics STLQ020C28R Datasheet HTML 7Page - STMicroelectronics STLQ020C28R Datasheet HTML 8Page - STMicroelectronics STLQ020C28R Datasheet HTML 9Page - STMicroelectronics STLQ020C28R Datasheet HTML 10Page - STMicroelectronics STLQ020C28R Datasheet HTML 11Page - STMicroelectronics STLQ020C28R Datasheet HTML 12Page - STMicroelectronics STLQ020C28R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Figure 10. Line regulation vs. temperature
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2.3 V to 5.5 V, VOUT = VADJ, IOUT = 1 mA
Figure 11. Load regulation vs. temperature
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
0.001
0.002
0.003
0.004
0.005
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2.3 V , VOUT = 1.8 V, IOUT = 1 mA to 200 mA
Figure 12. Short-circuit current vs. temp.
0
100
200
300
400
500
600
700
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2 V, VOUT = GND
Figure 13. Quiescent current vs. temperature
0
100
200
300
400
500
600
700
800
900
1000
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2 V, VOUT = VADJ , IOUT = 0 mA
Figure 14. Quiescent current vs. temperature
0
20
40
60
80
100
120
140
160
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2 V, VOUT = VADJ, IOUT = 200 mA
Figure 15. Shutdown current vs. temperature
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 5.5 V, EN = GND
STLQ020
Typical characteristics
DS12072 - Rev 3
page 9/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com