Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32G4
Description  STM32G4 mixed-signal MCUs shaped for analog-rich applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G4 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32G4 Datasheet HTML 1Page - STMicroelectronics STM32G4 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STM32G4 mixed-signal MCUs shaped for analog-rich applications
Mainstream MCUs
STM32G4 SERIES
KEY FEATURES
• Performance
• Arm® Cortex®-M4 with
FPU
• Up to 170 MHz CPU
frequency
• Up to 213 DMIPS and
550 CoreMark® results
• Rich and advanced analog
peripherals
• ADCs, op-amps,
comparators, DACs
• Safety and security focus
• Full set of development
and evaluation boards
• Code examples and
software tools
KEY BENEFITS
• Reduced PCB size and
BOM cost
• Mixed-signal SoC for a
wide variety of control
applications
• Dynamic energy efficiency
KEY APPLICATIONS
• Control applications
• Home appliances and
E-bikes
• Air conditioning
• Industrial equipments
• Motor control applications
(low end, high end)
• Servers, telecom
equipment, and EV
charging stations
• Instrumentation and
measurement equipment
www.st.com/stm32g4
The STM32G4 series combines
powerful Arm® Cortex®-M4 plus
FPU and DSP capability with rich
and advanced analog peripherals.
It introduces two new mathematical
accelerators (Cordic and Filtering),
CAN-FD (Flexible Datarate),USB
Type-C interface with Power
Delivery including physical layer
(PHY) and advanced security with
safety features.
Its new high-resolution timer
V2.0 continues the Digital Power
success story.
Flash memory
(bytes)
Pin count
STM32F30x
STM32G4x1
STM32G4x3
STM32G4x4
Performance line
Access line
STM32F3 Series
Hi-Resolution line
Analog
Digital power
512 K
32 K
32-pin
128-pin
STM32F334
32-pin
128-pin
STM32G4 series
Designed for Motor Control applications
www.st.com/stm32-motor-control


Similar Part No. - STM32G4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G431 STMICROELECTRONICS-STM32G431 Datasheet
3Mb / 26P
STM32 development boards
STM32G431C6 STMICROELECTRONICS-STM32G431C6 Datasheet
2Mb / 197P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS, up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
November 2020 Rev 3
STM32G431C6 STMICROELECTRONICS-STM32G431C6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
STM32G431C6 STMICROELECTRONICS-STM32G431C6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
10-May-2019
STM32G431C6I3 STMICROELECTRONICS-STM32G431C6I3 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
10-May-2019
More results

Similar Description - STM32G4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX20524 ETC-CX20524 Datasheet
101Kb / 4P
Mixed Signal Device for GSM and GPRS Applications
logo
Analog Devices
AD9878 AD-AD9878 Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Freescale Semiconductor...
MK10DN32VYY5 FREESCALE-MK10DN32VYY5 Datasheet
505Kb / 2P
Low-power, mixed-signal MCUs
logo
A1 PROs co., Ltd.
AI9943 A1PROS-AI9943 Datasheet
319Kb / 17P
acomplete analog signal processor for CCD applications
logo
Freescale Semiconductor...
MK10DN512VLK10 FREESCALE-MK10DN512VLK10 Datasheet
468Kb / 2P
Low-power, mixed-signal MCUs
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
Mixed-Signal Front End for Broadband Applications
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com