Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32G4
Description  STM32G4 mixed-signal MCUs shaped for analog-rich applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G4 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32G4 Datasheet HTML 1Page - STMicroelectronics STM32G4 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order code: FLSTM32G40620
For more information on ST products and solutions, visit www.st.com
© STMicroelectronics - June 2020 - Printed in United Kingdom - All rights reserved
ST and ST logo are trademarks or registered trademarks of STMicroelectronics International NV or its affiliates in the
EU and/or other countries. For additional information about ST trademarks, please refer to www.st.com/trademarks.
All other product or service names are the property of their respective owners.
STM32G4 SERIES | MAINSTREAM MCUs
STM32G474 block diagram
Arm® Cortex®-M4
Up to 170 MHz
213 DMIPS
Embedded Trace
Macrocell
16-channel DMA + MUX
Floating Point Unit
Up to 2x 256-Kbyte
Flash memory / ECC
Dual Bank
96-Kbyte SRAM
Memory Protection Unit
Connectivity
4x SPI, 4x I²C, 6x UxART
1x USB 2.0 FS,
1x USB-C PD3.0 (+PHY)
3x CAN-FD
2x I²S half duplex, SAI
External interface
FSMC 8-/16-bit (TFT-LCD,
SRAM, NOR, NAND)
Quad SPI
Timers
5x 16-bit timers
2x 16-bit basic timers
3x 16-bit advanced
motor control timers
2x 32-bit timers
1x 16-bit LP timer
1x HR timer (D-Power)
12-channel w/ 184ps
(A. delay line)
Analog
5x 12-bit ADC w/ HW overspl
7x Comparators
7x DAC (3x buff + 4x non-buff)
6x op-amps (PGA)
1x temperature sensor
Internal voltage reference
Accelerators
Cordic (trigo...)
FMAC (filtering)
ART Accelerator™
32-Kbyte CCM-SRAM
Math Accelerators
Hardware tools
A full set of evaluation boards enables flexible
prototyping as well as full STM32G4 evaluation.
STM32G4 Solutions
Designed for Motor Control
applications
www.st.com/stm32-motor-control
Designed for Digital power
applications
www.st.com/stm32-digital-power
STM32Cube Ecosystem
The STM32Cube ecosystem is a
complete software solution for STM32G4
MCUs
www.st.com/stm32cube
Discovery kits
B-G474E-DPOW1
(Digital Power)
B-G431B-ESC1
(Motor Control)
Evaluation boards
STM32G474E-EVAL
STM32G484E-EVAL
Nucleo boards
Nucleo-64 : NUCLEO-G431RB and
NUCLEO-G474RE
Nucleo-32 : NUCLEO-G431KB
STM32G4 portfolio
Flash memory / RAM size (bytes)
128 K / 32 K
64 K / 32 K
32 K / 32 K
128 K / 128 K
512 K / 128 K
256 K / 128 K
32-pin
LQFP/QFN
48-pin
LQFP/QFN/WLCSP
80-pin
LQFP/WLCSP
128-pin
LQFP
64-pin
LQFP/BGA
/WLCSP*
100-pin
LQFP/BGA
Legend:
HW crypto/hash functions are available on STM32G441, STM32G4A1, STM32G483 and STM32G484
Available soon*
512 K / 112 K
256 K / 112 K
121-pin
BGA
STM32G491CC
STM32G491MC
STM32G491RC
STM32G491VC
STM32G431KB
STM32G431CB
STM32G431MB
STM32G431RB
STM32G431VB
STM32G431K8
STM32G431C8
STM32G431M8
STM32G431R8
STM32G431V8
STM32G431K6
STM32G431C6
STM32G431M6
STM32G431R6
STM32G431V6
STM32G473CB
STM32G473MB
STM32G473RB
STM32G473VB
STM32G473QB
STM32G473CE
STM32G473ME
STM32G473RE
STM32G473VE
STM32G473QE
STM32G474CE
STM32G474ME
STM32G474RE
STM32G474VE
STM32G474QE
STM32G473CC
STM32G473MC
STM32G473RC
STM32G473VC
STM32G473QC
STM32G474CC
STM32G474MC
STM32G474RC
STM32G474VC
STM32G474QC
STM32G474CB
STM32G474MB
STM32G474RB
STM32G474VB
STM32G474QB
STM32G491CE
STM32G491ME
STM32G491RE
STM32G491VE
STM32G491KE
STM32G491KC
STM32G473PE
STM32G474PE
STM32G473PC
STM32G474PC
STM32G473PB
STM32G474PB
STM32G4 ONLINE TRAINING
www.st.com/stm32g4-online-training



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com