Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F9465PC Datasheet(PDF) 2 Page - 3M Electronics

Part # F9465PC
Description  3M™ Adhesive Transfer Tape with Plasticizer Resistant Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

F9465PC Datasheet(HTML) 2 Page - 3M Electronics

  F9465PC Datasheet HTML 1Page - 3M Electronics F9465PC Datasheet HTML 2Page - 3M Electronics F9465PC Datasheet HTML 3Page - 3M Electronics F9465PC Datasheet HTML 4Page - 3M Electronics F9465PC Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Adhesive Transfer Tape with Plasticizer Resistant Adhesive F9465PC
General Information
Note: Vinyl formulations di er and plasticizer types and amounts can vary. The most common types of plasticized vinyl contain low molecular weight materials
(plasticizers) which tend to migrate out of the vinyl. In the case of adhesive bonding, these plasticizers migrate into the adhesive which can cause softening of the
adhesive and loss of bond strength over time.
• The possible e ect of plasticizer migration on an adhesive bond can be predicted by accelerated aging for 5 days at elevated temperature (150°F [65°C]). Note: Due
to the variability of vinyl formulations, we strongly recommend that the user test each vinyl substrate to determine suitability of the tape for the particular application.
• Natural and synthetic rubber materials such as neoprene and EPDM are also formulated with llers and plasticizers. Note: 3M™ Adhesive Transfer Tape F-9465PC
does not resist the e ects of these particular llers and plasticizers and is not recommended for use in bonding these materials.
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Attribute Modi er
Notes
Adhesive Thickness
0.13 mm
5 mil
Liner
Polycoated Paper
Liner Color
Tan, printed
Primary
Liner Thickness
0.1 mm
4.2 mil
The thickness listed is based on a calculation
from manufacturing controlled adhesive coat
weights using a density of 1.012 g/cc. While past
data pages have listed nominal thicknesses, the
coat weight (and theoretical caliper) has not
changed.
Typical Performance Characteristics
Property Values
Test
Condition
Notes
Method
Dwell/Cure
Time
Dwell
Time
Units
Temp
C
Temp
F
Environmental
Condition
Substrate
Static
Shear
10000
min
500
g @
Room
Temperature
1/2 in x 1 in sample size; Test terminated at 10,000 min
180°
Peel
Adhesion
8.1
N/cm
74
oz/in
12 in/min (300 mm/min)
ASTM
D3330
72
hr
22C
72F
52%RH Stainless
Steel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com