Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F9465PC Datasheet(PDF) 3 Page - 3M Electronics

Part # F9465PC
Description  3M™ Adhesive Transfer Tape with Plasticizer Resistant Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

F9465PC Datasheet(HTML) 3 Page - 3M Electronics

  F9465PC Datasheet HTML 1Page - 3M Electronics F9465PC Datasheet HTML 2Page - 3M Electronics F9465PC Datasheet HTML 3Page - 3M Electronics F9465PC Datasheet HTML 4Page - 3M Electronics F9465PC Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Family Group
Table continued on next page
3M™ Adhesive Transfer Tape with Plasticizer Resistant Adhesive F9465PC
Available Sizes
Property
Values
Notes
Master Width
1371.6 mm
54 in
More sizes may be available. Please call 800-
223-7427 or talk to your local 3M
representative for more information.
Environmental Resistance
Bond Build-up: The bond strength of 3M™ Plasticizer Resistant Adhesive increases as a function of time and temperature
Temperature/Heat Resistance: 3M™ Plasticizer Resistant Adhesive is usable for short periods (minutes, hours) at temperatures up to 200°F (94°C) and for intermittent
longer periods (days, weeks) up to 160°F (71°C).
Lower Temperature Service Limit: -40°F (-40°C).
UV Resistance: When properly applied, parts are not adversely a ected by outdoor exposure.
Handling/Application Information
Application Ideas
• Attaching exible vinyl graphics to sporting helmets
• Attaching exible vinyl lms and graphics to signs
• Attaching exible vinyl graphics to vehicles
• Attaching exible vinyl graphics to collectibles
• Attaching exible vinyl tubing
Storage and Shelf Life
Store in original cartons at 70°F (21°C) and 50% relative humidity.
When stored under proper conditions, product retains its performance and properties for 24 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-
Adhesive-Transfer-Tape-F9465PC?N=5002385+3293241839&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=F9465PC
F9465PC
F9467U
Liner Color
Attribute Modi er:
Primary
Tan, printed
Tan



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com