Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXF6D2012 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXF6D2012
Description  Automation Controls Catalog
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF6D2012 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXF6D2012 Datasheet HTML 1Page - Panasonic Semiconductor AXF6D2012 Datasheet HTML 2Page - Panasonic Semiconductor AXF6D2012 Datasheet HTML 3Page - Panasonic Semiconductor AXF6D2012 Datasheet HTML 4Page - Panasonic Semiconductor AXF6D2012 Datasheet HTML 5Page - Panasonic Semiconductor AXF6D2012 Datasheet HTML 6Page - Panasonic Semiconductor AXF6D2012 Datasheet HTML 7Page - Panasonic Semiconductor AXF6D2012 Datasheet HTML 8Page - Panasonic Semiconductor AXF6D2012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
–1–
ACCTB100E 201803-T
DETAILED FEATURES
MAX. 5A can be supplied to the power terminals. This allows for a reduction in the number of power line and contributes to
space savings
ORDERING INFORMATION
For board-to-FPC
A35UH
High Current Connectors
Supports 5A for power terminal.
Reduce number of pins is available.
FEATURES
1. Supports 5A for power terminals
2. With power terminal, so number of pins can be reduced
3. “TOUGH CONTACT” construction provides high
resistance to various environmental.
APPLICATIONS
Smartphones, tablet PCs and other mobile devices
Socket
Header
2.2mm
1.8mm
Socket
Header
Power terminals
Specification:
5 A in two locations
Product without power terminals
Example; Charging current: Max. 5 A (0.3 A/pin, Pitch: 0.35 mm)
34 pins signal terminals used
With power terminal
34 pins signal terminals can
be reduced
5 A power terminals
5.95mm
-5.95mm
2.2mm
2.2mm
2.2mm
1.8mm
1.8mm
1.8mm
Space saving
Number
of pins
(2 digits)
Mated height
(Socket/Header)
1: 0.6 mm
AXF
1 2
5D: Socket
6D: Header
(Socket/Header)
2: (Fixed)


Similar Part No. - AXF6D2012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXF6G0012 PANASONIC-AXF6G0012 Datasheet
612Kb / 13P
High Current Connectors
AXF6G0032 PANASONIC-AXF6G0032 Datasheet
612Kb / 13P
High Current Connectors
AXF6G1012 PANASONIC-AXF6G1012 Datasheet
612Kb / 13P
High Current Connectors
AXF6G1612 PANASONIC-AXF6G1612 Datasheet
612Kb / 13P
High Current Connectors
AXF6G2012 PANASONIC-AXF6G2012 Datasheet
612Kb / 13P
High Current Connectors
More results

Similar Description - AXF6D2012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
Automation Controls Catalog
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
Automation Controls Catalog
logo
OSRAM GmbH
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com