Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H747AI Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32H747AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747AI Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32H747AI Datasheet HTML 122Page - STMicroelectronics STM32H747AI Datasheet HTML 123Page - STMicroelectronics STM32H747AI Datasheet HTML 124Page - STMicroelectronics STM32H747AI Datasheet HTML 125Page - STMicroelectronics STM32H747AI Datasheet HTML 126Page - STMicroelectronics STM32H747AI Datasheet HTML 127Page - STMicroelectronics STM32H747AI Datasheet HTML 128Page - STMicroelectronics STM32H747AI Datasheet HTML 129Page - STMicroelectronics STM32H747AI Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 252 page
background image
Electrical characteristics
STM32H747xI/G
116/242
DS12930 Rev 1
Table 43. Typical and maximum current consumption in Stop, SMPS regulator(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
Tj=25°C
Tj=85°C
Tj=105
°C
Tj=125
°C
IDD (Stop)
D1 Stop,
D2 Stop,
D3 Stop
Flash
OFF, no
IWDG
SVOS5
0.36
1.73
11.91
21.53
-
mA
SVOS4
0.63
3.05
19.57
33.51
-
SVOS3
1.00
4.98
29.11
47.13
68.76
Flash
ON, no
IWDG
SVOS5
0.36
1.73
11.91
21.53
-
SVOS4
0.73
3.18
19.74
33.72
-
SVOS3
1.11
5.09
29.31
47.40
69.14
D1 Stop,
D2 Standby,
D3 Stop
Flash
OFF, no
IWDG
SVOS5
0.25
1.24
8.21
14.00
-
SVOS4
0.46
2.21
14.01
22.94
-
SVOS3
0.73
3.57
19.62
32.80
49.24
Flash
ON, no
IWDG
SVOS5
0.25
1.24
8.21
14.00
-
SVOS4
0.55
2.34
14.15
23.15
-
SVOS3
0.83
3.67
19.81
32.99
49.55
D1 Standby,
D2 Stop,
D3 Stop
Flash
OFF, no
IWDG
SVOS5
0.15
0.67
4.51
7.85
-
SVOS4
0.26
1.17
7.21
12.32
-
SVOS3
0.40
1.90
10.57
17.12
26.97
D1 Standby,
D2 Standby,
D3 Stop
Flash
ON, no
IWDG
SVOS5
0.06
0.20
1.18
2.05
-
µA
SVOS4
0.08
0.33
1.90
3.11
-
SVOS3
0.13
0.54
2.80
4.47
6.77
1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com