Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H747AI Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32H747AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747AI Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32H747AI Datasheet HTML 125Page - STMicroelectronics STM32H747AI Datasheet HTML 126Page - STMicroelectronics STM32H747AI Datasheet HTML 127Page - STMicroelectronics STM32H747AI Datasheet HTML 128Page - STMicroelectronics STM32H747AI Datasheet HTML 129Page - STMicroelectronics STM32H747AI Datasheet HTML 130Page - STMicroelectronics STM32H747AI Datasheet HTML 131Page - STMicroelectronics STM32H747AI Datasheet HTML 132Page - STMicroelectronics STM32H747AI Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 252 page
background image
DS12930 Rev 1
119/242
STM32H747xI/G
Electrical characteristics
221
Typical SMPS efficiency versus load current and temperature
Figure 17. Typical SMPS efficiency (%) vs load current (A) in Run mode at TJ = 30 °C
Figure 18. Typical SMPS efficiency (%) vs load current (A) in Run mode at TJ = TJmax
MSv62424V1
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
VDDSMPS =
1.8V, VOS1
VDDSMPS =
3.3V, VOS1
VDDSMPS =
1.8V, VOS2
VDDSMPS =
3.3V, VOS2
VDDSMPS =
1.8V, VOS3
VDDSMPS =
3.3V, VOS3
MSv62425V1
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
VDDSMPS =
1.8V, VOS1
VDDSMPS =
3.3V, VOS1
VDDSMPS =
1.8V, VOS2
VDDSMPS =
3.3V, VOS2
VDDSMPS =
1.8V, VOS3
VDDSMPS =
3.3V, VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com