Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H747AI Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32H747AI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747AI Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32H747AI Datasheet HTML 123Page - STMicroelectronics STM32H747AI Datasheet HTML 124Page - STMicroelectronics STM32H747AI Datasheet HTML 125Page - STMicroelectronics STM32H747AI Datasheet HTML 126Page - STMicroelectronics STM32H747AI Datasheet HTML 127Page - STMicroelectronics STM32H747AI Datasheet HTML 128Page - STMicroelectronics STM32H747AI Datasheet HTML 129Page - STMicroelectronics STM32H747AI Datasheet HTML 130Page - STMicroelectronics STM32H747AI Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 252 page
background image
DS12930 Rev 1
117/242
STM32H747xI/G
Electrical characteristics
221
Table 44. Typical and maximum current consumption in Sleep mode, LDO regulator (1)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(2)
Unit
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
IDD (Sleep)
Supply
current in
Sleep mode
All
peripherals
disabled
VOS0
480
50.7
96.3
253.4
366.1
mA
400
43.4
87.8
245.5
357.9
VOS1
400
35.3
66.5
181.3
265.8
379.6
300
27.9
-
-
-
-
VOS2
300
24.6
47.3
139.1
207.3
300.4
200
18.8
-
-
-
-
VOS3
200
16.5
33.6
106.4
160.9
236.1
All
peripherals
enabled
VOS0
480
136.0
194.7
348.5
464.4
400
115.0
169.0
325.9
441.7
VOS1
400
97.7
138.2
251.3
338.4
456.4
300
74.9
-
-
-
-
VOS2
300
67.3
95.8
187.6
257.9
354.1
200
52.8
-
-
-
-
VOS3
200
47.1
69.3
141.4
197.7
275.1
1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.
2. Guaranteed by characterization results, unless otherwise specified.
Table 45. Typical and maximum current consumption in Sleep mode, SMPS regulator(1)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max
Unit
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
IDD (Sleep)
Supply
current in
Sleep mode
All
peripherals
disabled
VOS1
400
15.93
29.69
79.01
118.72
173.80
mA
300
12.58
-
-
-
-
VOS2
300
10.21
19.63
56.46
82.14
123.46
200
7.89
-
-
-
-
VOS3
200
6.50
12.98
39.73
59.35
87.10
All
peripherals
Enabled
VOS1
400
42.65
59.62
110.88
153.00
211.65
VOS2
300
27.70
38.94
75.26
102.22
147.38
VOS3
200
17.95
26.14
52.75
72.95
104.09
1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com