Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457CLE Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE8457CLE
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CLE Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE8457CLE Datasheet HTML 1Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 2Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 3Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 4Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 5Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 6Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 7Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 8Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Data Sheet
2
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Overview
Product validation
Qualified for automotive applications. Product validation according to AEC-Q100.
Description
The TLE8457C / TLE8457D is a monolithic integrated LIN transceiver and low drop-out voltage regulator. The
device is designed to supply a microcontroller and peripherals with up to 70 mA, provide protection through
VCC undervoltage reset, while also offering bi-directional bus communication compliant to LIN specification
2.2 A and SAE J2602. With the ultra low quiescent current consumption of typical 20 µA in standby mode the
TLE8457C / TLE8457D is especially suited for applications that are permanently supplied by the battery.
Based on the Infineon BiCMOS technology the TLE8457C / TLE8457D provide excellent ESD robustness
together with a very high level of electromagnetic compatibility (EMC). The TLE8457C / TLE8457D is
AEC qualified and tailored to withstand the harsh conditions of the automotive environment.
Type
LDO VCC output
voltage
Package
Marking
Init timeout
feature1)
1) “Init timeout feature” is only available with TLE8457A & TLE8457B.
TLE8457CSJ
5 V
PG-DSO-8
8457C
No
TLE8457CLE
5 V
PG-TSON-8
8457C
No
TLE8457DSJ
3.3 V
PG-DSO-8
8457D
No
TLE8457DLE
3.3 V
PG-TSON-8
8457D
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com