Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457CLE Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8457CLE
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CLE Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8457CLE Datasheet HTML 17Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 18Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 19Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 20Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 21Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 22Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 23Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 24Page - Infineon Technologies AG TLE8457CLE Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
21
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Electrical characteristics
Delay time for mode change,
EN → “high”
tMODE,HIGH
––
5
µs
2)
P_6.1.17
Input capacitance
Ci_EN
–5
–pF
2)
P_6.1.83
Reset Output: NRST
“High” level leakage current
INRST,H
––
5
µA
2)
P_6.1.19
“Low” level output voltage
VNRST
––
0.4
V
INRST =1.5 mA; VCC >1 V;
P_6.1.20
Reset time
tRST
410
16
ms
–
P_6.1.21
Internal pull-up resistance
RNRST
510
20
kΩ
–
P_6.1.22
Voltage regulator output, 5 V versions (TLE8457Cxx): VCC
Output voltage
VCC
4.9
5.0
5.1
V
0.05 mA < ICC <70 mA;
5.8 V < VS <28 V
P_6.1.23
Output voltage drop
VDR =VS -VCC 3)
VDR
–
250
650
mV ICC <70 mA
P_6.1.24
Output voltage drop, 50 mA
VDR =VS -VCC
VDR,50
–
180
480
mV ICC <50 mA
P_6.1.25
Output voltage drop, 20 mA
VDR =VS -VCC
VDR,20
–
80
200
mV ICC <20 mA
P_6.1.26
Output current limitation
ICC,lim
-150 –
-70
mA 0 V < VCC <4.8 V
P_6.1.27
Load regulation
∆VCC,lo
–25
50
mV 0.05 mA < ICC <70 mA;
VS = 13.5 V
P_6.1.28
Line regulation
∆VCC,li
–25
50
mV ICC =1 mA;
5.8 V < VS <28 V
P_6.1.29
Power supply ripple rejection PSRR
50
60
–
dB
2) ICC =50mA; f = 100 Hz;
Vr =0.5 Vpp; VS = 13.5 V
P_6.1.30
Undervoltage reset threshold VCC,UV
4.27 4.4
4.5
V
VCC decreasing
P_6.1.31
Undervoltage reset hysteresis VCC,UV,hy
50
100
–
mV –
P_6.1.32
Undervoltage detection time tdet,RST
1–
20
µs
2) VCC =3.5 V
CNRST =20 pF
P_6.1.33
Voltage regulator output, 3.3 V versions (TLE8457Dxx): VCC
Output voltage
VCC
3.234 3.300 3.366 V
0.05 mA < ICC <70 mA;
4.066 V < VS <28 V
P_6.1.34
Output voltage drop
VDR =VS -VCC
VDR
–
380
770
mV ICC <70 mA
P_6.1.35
Output voltage drop, 50 mA
VDR =VS -VCC
VDR,50
–
280
550
mV ICC <50 mA
P_6.1.36
Output voltage drop, 20 mA
VDR =VS -VCC
VDR,20
–
110
220
mV ICC <20 mA
P_6.1.37
Table 6
Electrical characteristics (cont’d)
5.5 V < VS <28 V; RLIN = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin1); unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com