Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474PBY6XXX Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32G474PBY6XXX
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474PBY6XXX Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32G474PBY6XXX Datasheet HTML 49Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 50Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 51Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 52Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 53Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 54Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 55Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 56Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 236 page
background image
DS12288 Rev 5
53/236
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
79
4.6
LQFP128 pinout description
Figure 10. STM32G474xB/xC/xE LQFP128 pinout
1. The above figure shows the package top view.
MSv42664V3
LQFP128
88
86
85
84
83
82
81
80
79
78
77
89
87
94
92
90
96
95
93
91
PC9
PG4
PG3
PG2
PG1
PG0
PC7
PC6
VDD
VSS
PD15
PA8
PC8
VSS
PA11
PA9
PA13
VDD
PA12
PA10
1
PE2
2
PE3
3
PE4
4
PE5
5
PE6
6
VBAT
7
PC13
8
PC14-OSC32_IN
9
PC15-OSC32_OUT
10
PF3
11
PF4
12
VSS
13
VDD
14
PF5
15
PF7
16
PF8
17
PF9
18
PF10
19
PF0-OSC_IN
20
PF1-OSC_OUT
21
PG10-NRST
22
PC0
23
PC1
24
PC2
25
PC3
26
PF2
27
PA0
28
PA1
29
PA2
30
VSS
31
VDD
32
PA3
76
74
73
72
71
70
69
68
67
66
65
75
PD14
PD12
PD11
PD10
PD9
PD8
PB15
PB14
PB13
PB12
PB11
PD13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com