Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474PBY6XXX Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32G474PBY6XXX
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474PBY6XXX Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32G474PBY6XXX Datasheet HTML 67Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 68Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 69Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 70Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 71Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 72Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 73Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 74Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 236 page
background image
DS12288 Rev 5
71/236
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
79
B6
44
43
59
75
A4
93
A5
121
PB6
I/O
FT_c
-
(5)
TIM16_CH1N,
TIM4_CH1,
TIM8_CH1,
TIM8_ETR,
USART1_TX,
COMP4_OUT,
FDCAN2_TX,
TIM8_BKIN2,
LPTIM1_ETR,
HRTIM1_SCIN,
HRTIM1_EEV4,
SAI1_FS_B,
EVENTOUT
UCPD1_CC1
C7
45
44
60
76
B4
94
C5
122
PB7
I/O
FT_f
-
TIM17_CH1N,
TIM4_CH2,
I2C4_SDA,
I2C1_SDA,
TIM8_BKIN,
USART1_RX,
COMP3_OUT,
TIM3_CH4,
LPTIM1_IN2,
FMC_NL,
HRTIM1_EEV3,
UART4_CTS,
EVENTOUT
PVD_IN
B7
46
45
61
77
A3
95
D5
123
PB8-
BOOT0
I/O
FT_f
(6)
TIM16_CH1,
TIM4_CH3,
SAI1_CK1,
I2C1_SCL,
USART3_RX,
COMP1_OUT,
FDCAN1_RX,
TIM8_CH2,
TIM1_BKIN,
HRTIM1_EEV8,
SAI1_MCLK_A,
EVENTOUT
-
A7
47
46
62
78
A2
96
A4
124
PB9
I/O
FT_f
-
TIM17_CH1,
TIM4_CH4,
SAI1_D2,
I2C1_SDA,
IR_OUT,
USART3_TX,
COMP2_OUT,
FDCAN1_TX,
TIM8_CH3,
TIM1_CH3N,
HRTIM1_EEV5,
SAI1_FS_A,
EVENTOUT
-
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com