Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474PBY6XXX Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32G474PBY6XXX
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474PBY6XXX Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32G474PBY6XXX Datasheet HTML 98Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 99Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 100Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 101Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 102Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 103Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 104Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 105Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 236 page
background image
IDD
(LPSleep)
Supply current
in Low-power
sleep mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
205
430
1150
2050
3600
1600 2900 7800 14000 22000
μA
1 MHz
165
400
1100
2000
3550
1100 2900 7700 14000 22000
250 KHz
145
370
1100
2000
3550
820
2800 7700 13000 22000
62.5 KHz
140
365
1050
2000
3550
810
2800 7700 13000 22000
SYSCLK source is HSI16
all peripherals disable
2 MHz
700
925
1650
2550
4100
1600 3600 8400 14000 22000
μA
1 MHz
710
925
1600
2550
4100
1600 3600 8400 14000 22000
250 KHz
670
910
1600
2500
4050
1600 3600 8400 14000 22000
62.5 KHz
685
910
1600
2500
4050
1600 3600 8400 14000 22000
Table 28. Current consumption in Sleep and Low-power sleep mode Flash ON (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
Table 29. Current consumption in low-power sleep modes, Flash in power-down
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD
(LPSleep)
Supply current
in low-power
sleep mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
210
385
1150
2050
3550
910
2900 7800 14000 22000
μA
1 MHz
150
360
1100
2000
3550
860
2900 7700 14000 22000
250 KHz
120
330
1050
2000
3500
820
2700 7600 13000 21000
62.5 KHz
110
330
1050
1950
3500
810
2700 7600 13000 21000
SYSCLK source is HSI16
all peripherals disable
2 MHz
675
900
1600
2500
4050
1600 3600 8500 14000 22000
1 MHz
695
890
1600
2500
4050
1600 3600 8400 14000 22000
250 KHz
640
885
1600
2500
4050
1600 3600 8500 14000 22000
62.5 KHz
690
880
1600
2500
4050
1400 3000 7000 12000 19000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com