Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL55CC Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32WL55CC
Description  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55CC Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32WL55CC Datasheet HTML 75Page - STMicroelectronics STM32WL55CC Datasheet HTML 76Page - STMicroelectronics STM32WL55CC Datasheet HTML 77Page - STMicroelectronics STM32WL55CC Datasheet HTML 78Page - STMicroelectronics STM32WL55CC Datasheet HTML 79Page - STMicroelectronics STM32WL55CC Datasheet HTML 80Page - STMicroelectronics STM32WL55CC Datasheet HTML 81Page - STMicroelectronics STM32WL55CC Datasheet HTML 82Page - STMicroelectronics STM32WL55CC Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 145 page
background image
Table 37. Current consumption in Run and LPRun modes on CPU1 and CPU2, CoreMark code
with data running from SRAM1
Symbol
Parameter
Conditions
Typ
Unit
-
Voltage
scaling
fHCLK
(MHz)
25 °C
55 °C
85 °C
105 °C
IDD
(Run)
Supply current in
Run mode
fHCLK = fMSI
All peripherals
disabled
Range 2
16
2.5
2.55
2.65
2.75
mA
Range 1
48
8.00
8.15
8.35
8.55
32
5.80
5.90
6.05
6.25
SMPS
Range 1
48
4.75
4.85
4.95
5.00
32
3.50
3.60
3.65
3.75
16
2.20
2.25
2.30
2.40
IDD
(LPRun)
Supply current in
LPRun mode
fHCLK = fMSI
All peripherals disabled
20.350
-
-
-
10.185
-
-
-
0.4
0.0805
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com