Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL55CC Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32WL55CC
Description  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55CC Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32WL55CC Datasheet HTML 35Page - STMicroelectronics STM32WL55CC Datasheet HTML 36Page - STMicroelectronics STM32WL55CC Datasheet HTML 37Page - STMicroelectronics STM32WL55CC Datasheet HTML 38Page - STMicroelectronics STM32WL55CC Datasheet HTML 39Page - STMicroelectronics STM32WL55CC Datasheet HTML 40Page - STMicroelectronics STM32WL55CC Datasheet HTML 41Page - STMicroelectronics STM32WL55CC Datasheet HTML 42Page - STMicroelectronics STM32WL55CC Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 145 page
background image
DS13293 Rev 1
39/145
STM32WL55/54xx
Functional overview
48
•
three event flags (DMA half-transfer, DMA transfer complete and DMA transfer error),
logically ORed together in a single interrupt request for each channel
•
memory-to-memory transfer
•
peripheral-to-memory, memory-to-peripheral, and peripheral-to-peripheral transfers
•
access to Flash memory, SRAM, APB and AHB peripherals, as source and destination
•
programmable number of data to be transferred (up to 65536)
•
secure and privileged support per channel level configuration
DMAMUX1 is used to route the peripherals with DMA source support, to any DMA channel.
3.18
Interrupts and events
3.18.1
Nested vectored interrupt controller (NVIC)
The devices embed an NIVC able to manage 16 priority levels, and to handle up to
62 maskable interrupt channels plus the 16 interrupt lines of the Cortex-M4.
The device also embeds an NVIC able to manage four priority levels, and handles up to
32 maskable interrupt channels plus the 16 interrupt lines of the Cortex-M0+.
The NVIC benefits are the following:
•
low-latency interrupt processing
•
interrupt entry vector table address passed directly to the core
•
early processing of interrupts
•
processing of late-arriving higher-priority interrupts
•
support for tail chaining
•
processor state automatically saved
•
interrupt entry restored on interrupt exit, with no instruction overhead
The NVIC hardware block provides flexible interrupt management features with minimal
interrupt latency.
3.18.2
Extended interrupt/event controller (EXTI)
The EXTI manages wakeup through configurable and direct event inputs. It provides wake-
up requests to the power control, and generates interrupt requests to the CPU1/2 NVIC and
events to the CPU1/2 event input.
Configurable events/interrupts come from peripherals that are able to generate a pulse and
allow the selection between the event/interrupt trigger edge and a software trigger.
Direct events/interrupts come from peripherals having their own clearing mechanism.
Table 11. DMA1 and DMA2 implementation
Feature
DMA1
DMA2
Number of channels
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com