Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCT6PXXX Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32L552VCT6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PXXX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32L552VCT6PXXX Datasheet HTML 13Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 14Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 15Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 16Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 17Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 18Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 19Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 20Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 340 page
background image
DS12737 Rev 6
17/340
STM32L552xx
Description
78
Communication
interfaces
SPI
3
I2C
4
USART(1)/UART
UART
LPUART
3/2 (2)
2
1
SAI
2
FDCAN
1
USB FS
Yes
SDMMC
No
Yes/No/Yes
Yes
Digital filters for sigma-
delta modulators
Yes (4 filters)
Number of channels
8
Real time clock (RTC)
Yes
Tamper pins
3
4/4/3
3
5/4
5
8/7
True random number generator
Yes
HASH (SHA-256)
Yes
GPIOs
Wakeup pins
Nb of I/Os down to 1.08 V
38/36
3
0
52/50/47
4/3/3
0
54/51
3
6
83/79
5/4
0
108/105
5
13/10
115 /111
5/4
14/13
Capacitive sensing
Number of channels
5
10/10/9
10
19/18
22
22/21
ADC
12-bit ADC
2
Number of
channels
9
16/
16/15
16/15
16/14
16
16/14
DAC
12-bit DAC
1
Number of
channels
2
Internal voltage
reference buffer
Yes
Analog comparator
2
Operational amplifiers
2
Max. CPU frequency
110 MHz
Table 2. STM32L552xx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com