Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L552VCT6PXXX Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32L552VCT6PXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PXXX Datasheet(HTML) 2 Page - STMicroelectronics

  STM32L552VCT6PXXX Datasheet HTML 1Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 2Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 3Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 4Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 5Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 6Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 7Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 8Page - STMicroelectronics STM32L552VCT6PXXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 340 page
background image
STM32L552xx
2/340
DS12737 Rev 6
• 512-byte OTP (one-time programmable) for
user data
General-purpose input/outputs
• Up to 114 fast I/Os with interrupt capability
most 5 V-tolerant and up to 14 I/Os with
independent supply down to 1.08 V
Power management
• Embedded regulator (LDO) with three
configurable range output to supply the digital
circuitry
• Embedded SMPS step-down converter
• External SMPS support
Clock management
• 4 to 48 MHz crystal oscillator
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (±1%)
• Internal low-power 32 kHz RC (±5%)
• Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25% accuracy)
• Internal 48 MHz with clock recovery
• 3 PLLs for system clock, USB, audio, ADC
Up to 16 timers and 2 watchdogs
• 16x timers: 2 x 16-bit advanced motor-control,
2 x 32-bit and 5 x 16-bit general purpose, 2x
16-bit basic, 3x low-power 16-bit timers
(available in Stop mode), 2x watchdogs, 2x
SysTick timer
• RTC with hardware calendar, alarms and
calibration
Up to 19 communication peripherals
• 1x USB Type-C™/ USB power delivery
controller
• 1x USB 2.0 full-speed crystal less solution,
LPM and BCD
• 2x SAIs (serial audio interface)
• 4x I2C FM+(1 Mbit/s), SMBus/PMBus™
• 6x USARTs (ISO 7816, LIN, IrDA, modem)
• 3x SPIs (7x SPIs with USART and OCTOSPI in
SPI mode)
• 1x FDCAN controller
• 1x SDMMC interface
2 DMA controllers
• 14 DMA channels
Up to 22 capacitive sensing channels
• Support touch key, linear and rotary touch
sensors
Rich analog peripherals (independent
supply)
• 2x 12-bit ADC 5 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
• 2x 12-bit DAC outputs, low-power sample and
hold
• 2x operational amplifiers with built-in PGA
• 2x ultra-low-power comparators
• 4x digital filters for sigma delta modulator
CRC calculation unit
Debug
• Development support: serial wire debug
(SWD), JTAG, Embedded Trace Macrocell™
(ETM)
Table 1. Device summary
Reference
Part numbers
STM32L552xx
STM32L552CC, STM32L552CE, STM32L552ME, STM32L552QC, STM32L552QE,
STM32L552RC, STM32L552RE, STM32L552VC, STM32L552VE, STM32L552ZC,
STM32L552ZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com